Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3551T-E/MS Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP3551T-E/MS
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3551T-E/MS Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP3551T-E/MS Datasheet HTML 21Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 22Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 23Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 24Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 25Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 26Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 27Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 28Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
© 2009 Microchip Technology Inc.
DS21950E-page 25
MCP3550/1/3
5.5
Using The MCP3550/1/3 with
Microcontroller (MCU) SPI Ports
It is required that the microcontroller SPI port be
configured to clock out data on the falling edge of clock
and latch data in on the rising edge. Figure 5-6 depicts
the operation shown in SPI mode 1,1, which requires
that the SCK from the MCU idles in the High state,
while Figure 5-7 shows the similar case of SPI Mode
0,0, where the clock idles in the Low state. The
waveforms in the figures are examples of an MCU
operating the SPI port in 8-bit mode, and the
MCP3550/1/3 devices do not require data in 8-bit
groups.
In SPI mode 1,1, data is read using only 24 clocks or
three byte transfers. The data ready bit must be read
by testing the SDO/RDY line prior to a falling edge of
the clock.
In SPI mode 0,0, data is read using 25 clocks or four
byte transfers. Please note that the data ready bit is
included in the transfer as the first bit in this mode.
FIGURE 5-6:
SPI Communication – Mode 1,1.
FIGURE 5-7:
SPI Communication – Mode 0,0.
CS
SCK
SDO/RDY
MCU
Data stored into MCU
receive
register
after
transmission of first byte
Receive
Buffer
Data
stored
into
MCU
receive
register
after
transmission of second byte
Data stored into MCU
receive
register
after
transmission of third byte
DO O 21 20 19 18 17
16
15 14 13 12 11 10 9
8
76 5 4 3 2 1
0
OL OH 21 20 19 18 17 16
15 14 13 12 11 10 9
8
76
5
4
3 2
1
0
RH L
CS
SCK
SDO/RDY
MCU
Data stored into MCU
receive
register
after
transmission of first byte
Receive
Buffer
Data
stored
into
MCU
receive
register
after
transmission of second byte
Data stored into MCU
receive
register
after
transmission of third byte
Data stored into MCU
receive
register
after
transmission of fourth byte
DR OO 21 20 19 18 17
16
14 13 12 11 10 9
65 4 3 2
0
OH OL 21 20 19 18 17
15 14 13 12 11 10 9
76
5
4
3 2
1
0
DR
8
16
15
7
8
1
HL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com