Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3551T-E/MS Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP3551T-E/MS
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3551T-E/MS Datasheet(HTML) 5 Page - Microchip Technology

  MCP3551T-E/MS Datasheet HTML 1Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 2Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 3Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 4Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 5Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 6Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 7Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 8Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
© 2009 Microchip Technology Inc.
DS21950E-page 5
MCP3550/1/3
Voltage Output Low (SDO/RDY)VOL
——
0.4
V
VOH = -1 mA, VDD = 5.0V
Input leakage Current
(CS, SCK)
ILI
-1
—
1
µA
Internal Pin Capacitance
(CS, SCK, SDO/RDY)
CINT
—5
—
pF
Note 1
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply at -40°C
≤ TA ≤ +85°C, VDD = 2.7V or 5.0V.
VREF = 2.5V. VIN+ = VIN- = VCM = VREF/2. All ppm units use 2*VREF as full scale range. Unless otherwise noted, specification
applies to entire MCP3550/1/3 family.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
This parameter is established by characterization and not 100% tested.
2:
INL is the difference between the endpoints line and the measured code at the center of the quantization band.
3:
This current is due to the leakage current and the current due to the offset voltage between VIN+ and VIN-.
4:
Input impedance is inversely proportional to clock frequency; typical values are for the MCP3550/1 device. VREF =5V.
5:
Characterized by design, but not tested.
6:
Rejection performance depends on internal oscillator accuracy; see Section 4.0 “Device Overview” for more informa-
tion on oscillator and digital filter design. MCP3550/1 device rejection specifications characterized from 49 to 61 Hz.
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TA
-40
—
+125
°C
Thermal Package Resistances
Thermal Resistance, 8L-MSOP
θJA
—211
—
°C/W
Thermal Resistance, 8L-SOIC
θJA
—
149.5
—
°C/W
SERIAL TIMINGS
Electrical Specifications: Unless otherwise indicated, all parameters apply at -40°C
≤ TA ≤ +85°C,
VDD = 3.3V or 5.0V, SDO load = 50 pF.
Parameters
Sym
Min
Typ
Max
Units
Conditions
CLK Frequency
fSCK
——
5
MHz
CLK High
tHI
90
—
—
ns
CLK Low
tLO
90
—
—
ns
CLK fall to output data valid
tDO
0—
90
ns
CS low to indicate RDY state
tRDY
0—
50
ns
CS minimum low time
tCSL
50
—
—
ns
RDY flag setup time
tSU
20
—
—
ns
CS rise to output disable
tDIS
20
—
—
ns
CS disable time
tCSD
90
—
—
ns
Power-up to CS LOW
tPUCSL
—10
—
µs
CS High to Shutdown Mode
tCSHSD
—10
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com