Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6241RT-E/MC Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6241RT-E/MC
Description  50 關A, 550 kHz Rail-to-Rail Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6241RT-E/MC Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6241RT-E/MC Datasheet HTML 7Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 8Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 9Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 10Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 11Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 12Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 13Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 14Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21882D-page 11
MCP6241/1R/1U/2/4
4.0
APPLICATION INFORMATION
The MCP6241/1R/1U/2/4 family of op amps is manu-
factured using Microchip’s state-of-the-art CMOS
process and is specifically designed for low-power and
general-purpose applications. The low supply voltage,
low quiescent current and wide bandwidth makes the
MCP6241/1R/1U/2/4
ideal
for
battery-powered
applications.
4.1
Rail-to-Rail Inputs
4.1.1
PHASE REVERSAL
The MCP6241/1R/1U/2/4 op amp is designed to
prevent phase reversal when the input pins exceed the
supply voltages. Figure 4-1 shows the input voltage
exceeding the supply voltage without any phase
reversal.
FIGURE 4-1:
The MCP6241/1R/1U/2/4
Show No Phase Reversal.
4.1.2
INPUT VOLTAGE AND CURRENT
LIMITS
The ESD protection on the inputs can be depicted as
shown in Figure 4-2. This structure was chosen to
protect the input transistors, and to minimize input bias
current (IB). The input ESD diodes clamp the inputs
when they try to go more than one diode drop below
VSS. They also clamp any voltages that go too far
above VDD; their breakdown voltage is high enough to
allow normal operation, and low enough to bypass
quick ESD events within the specified limits.
FIGURE 4-2:
Simplified Analog Input ESD
Structures.
In order to prevent damage and/or improper operation
of these op amps, the circuit they are in must limit the
currents and voltages at the VIN+ and VIN– pins (see
Absolute Maximum Ratings † at the beginning of
Section 1.0 “Electrical Characteristics”). Figure 4-3
shows the recommended approach to protecting these
inputs. The internal ESD diodes prevent the input pins
(VIN+ and VIN–) from going too far below ground, and
the resistors R1 and R2 limit the possible current drawn
out of the input pins. Diodes D1 and D2 prevent the
input pins (VIN+ and VIN–) from going too far above
VDD, and dump any currents onto VDD. When
implemented as shown, resistors R1 and R2 also limit
the current through D1 and D2.
FIGURE 4-3:
Protecting the Analog
Inputs.
It is also possible to connect the diodes to the left of
resistors R1 and R2. In this case, current through the
diodes D1 and D2 needs to be limited by some other
mechanism. The resistors then serve as in-rush current
limiters; the DC current into the input pins (VIN+ and
VIN–) should be very small.
-1
0
1
2
3
4
5
6
Time (1 ms/div)
VOUT
VIN
VDD = 5.0V
G = +2 V/V
Bond
Pad
Bond
Pad
Bond
Pad
VDD
VIN+
VSS
Input
Stage
Bond
Pad
VIN–
V1
MCP624X
R1
VDD
D1
R1 >
VSS – (minimum expected V1)
2mA
R2 >
VSS – (minimum expected V2)
2mA
V2
R2
D2
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com