Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6241RT-E/MC Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP6241RT-E/MC
Description  50 關A, 550 kHz Rail-to-Rail Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6241RT-E/MC Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP6241RT-E/MC Datasheet HTML 10Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 11Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 12Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 13Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 14Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 15Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 16Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 17Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
MCP6241/1R/1U/2/4
DS21882D-page 14
© 2008 Microchip Technology Inc.
4.7.2
COMPENSATING FOR THE
PARASITIC CAPACITANCE
In analog circuit design, the PCB parasitic capacitance
can compromise the circuit behavior; Figure 4-9 shows
a typical scenario. If the input of an amplifier sees
parasitic capacitance of several picofarad (CPARA,
which includes the common mode capacitance of 6 pF,
typical) and large RF and RG, the frequency response
of the circuit will include a zero. This parasitic zero
introduces gain peaking and can cause circuit
instability.
FIGURE 4-9:
Effect of Parasitic
Capacitance at the Input.
One solution is to use smaller resistor values to push
the zero to a higher frequency. Another solution is to
compensate by introducing a pole at the point at which
the zero occurs. This can be done by adding CF in
parallel with the feedback resistor (RF). CF needs to be
selected so that the ratio CPARA:CF is equal to the ratio
of RF:RG.
VOUT
CF
VDC
+
–
VAC
RG
RF
CPARA
C
F
C
PARA
R
G
R
F
-------
•
=
MCP624X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com