Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6241RT-E/MC Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6241RT-E/MC
Description  50 關A, 550 kHz Rail-to-Rail Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6241RT-E/MC Datasheet(HTML) 1 Page - Microchip Technology

  MCP6241RT-E/MC Datasheet HTML 1Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 2Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 3Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 4Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 5Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 6Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 7Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 8Page - Microchip Technology MCP6241RT-E/MC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21882D-page 1
MCP6241/1R/1U/2/4
Features
• Gain Bandwidth Product: 550 kHz (typical)
• Supply Current: IQ = 50 µA (typical)
• Supply Voltage: 1.8V to 5.5V
• Rail-to-Rail Input/Output
• Extended Temperature Range: -40°C to +125°C
• Available in 5-pin SC-70 and SOT-23 packages
Applications
• Automotive
• Portable Equipment
• Photodiode (Transimpedance) Amplifier
• Analog Filters
• Notebooks and PDAs
• Battery-Powered Systems
Design Aids
• SPICE Macro Models
• Mindi™ Circuit Designer & Simulator
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Typical Application
Description
The Microchip Technology Inc. MCP6241/1R/1U/2/4
operational
amplifiers
(op
amps)
provide
wide
bandwidth for the quiescent current. The MCP6241/1R/
1U/2/4 has a 550 kHz gain bandwidth product and 68°
(typical) phase margin. This family operates from a
single supply voltage as low as 1.8V, while drawing
50 µA (typical) quiescent current. In addition, the
MCP6241/1R/1U/2/4 family supports rail-to-rail input
and output swing, with a common mode input voltage
range of VDD +300 mV to VSS – 300 mV. These op
amps are designed in one of Microchip’s advanced
CMOS processes.
Package Types
MCP6241
VOUT
VIN2
–
+
VIN1
RG2
RG1
RF
RZ
VDD
RX
RY
Summing Amplifier Circuit
4
MCP6241
1
2
3
–
5 VDD
VIN–
VOUT
VSS
VIN+
SOT-23-5
4
1
2
3
5 VDD
VOUT
VSS
MCP6241R
SOT-23-5
4
1
2
3
–
5 VSS
VIN–
VOUT
VDD
VIN+
MCP6241U
SC-70-5, SOT-23-5
4
1
2
3
–
5 VDD
VOUT
VIN+
VSS
VIN–
VIN+
VIN–
MCP6241
VSS
VDD
VOUT
1
2
3
4
8
7
6
5
–
+
NC
NC
NC
PDIP, SOIC, MSOP
MCP6242
PDIP, SOIC, MSOP
1
2
3
4
8
7
6
5
-
+ -
+
VINA
_
VINA+
VSS
VOUTA
VOUTB
VDD
VINB
_
VINB+
MCP6244
VINA+
VINA–
VSS
1
2
3
4
14
13
12
11
-
VOUTA
+ -
+
VDD
VOUTD
VIND–
VIND+
10
9
8
5
6
7
VOUTB
VINB–
VINB+
VINC+
VINC–
VOUTC
+
-
-
+
PDIP, SOIC, TSSOP
MCP6241
2x3 DFN*
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
NC
NC
EP
9
* Includes Exposed Thermal Pad (EP); see Table 3-1.
50 µA, 550 kHz Rail-to-Rail Op Amp


Similar Part No. - MCP6241RT-E/MC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6241RT-E/MS MICROCHIP-MCP6241RT-E/MS Datasheet
333Kb / 20P
50 uA, 650 kHz Rail-to-Rail Op Amp
2004
More results

Similar Description - MCP6241RT-E/MC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6231 MICROCHIP-MCP6231 Datasheet
336Kb / 20P
20 UA, 300 kHz Rail-to-Rail Op Amp
2004
MCP6241 MICROCHIP-MCP6241 Datasheet
333Kb / 20P
50 uA, 650 kHz Rail-to-Rail Op Amp
2004
MCP6244 MICROCHIP-MCP6244 Datasheet
471Kb / 28P
50 uA, 550 kHz Rail-to-Rail Op Amp
2005
MCP6271 MICROCHIP-MCP6271_06 Datasheet
1Mb / 34P
170 關A, 2 MHz Rail-to-Rail Op Amp
2006
MCP6231 MICROCHIP-MCP6231_05 Datasheet
477Kb / 28P
20 關A, 300 kHz Rail-to-Rail Op Amp
2005
MCP6231 MICROCHIP-MCP6231_09 Datasheet
850Kb / 40P
20 關A, 300 kHz Rail-to-Rail Op Amp
2009
MCP6271 MICROCHIP-MCP6271_08 Datasheet
679Kb / 36P
170 關A, 2 MHz Rail-to-Rail Op Amp
2008
MCP6281 MICROCHIP-MCP6281_08 Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com