Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6241RT-E/MS Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP6241RT-E/MS
Description  50 關A, 550 kHz Rail-to-Rail Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6241RT-E/MS Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP6241RT-E/MS Datasheet HTML 29Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 30Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 31Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 32Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 33Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 34Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 35Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 36Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21882D-page 33
MCP6241/1R/1U/2/4
APPENDIX A: REVISION HISTORY
Revision D (October 2008)
The following is the list of modifications:
1.
Changed Heading “Available Tools” to “Design
Aids”.
2.
Design Aids: Name change for Mindi Simulator
Tool.
3.
Package Types: Added DFN to MCP6231
Device.
4.
Absolute
Maximum
Ratings:
Numerous
changes in this section.
5.
Updated notes to
Section 1.0 “Electrical Char-
acteristics”.
6.
Added Figure 2-19.
7.
Numerous
changes
to
Section 3.0
“Pin
Descriptions”.
8.
Added
Section 4.1.1
“Phase
Reversal”,
Section 4.1.2 “Input Voltage and Current
Limits”, and Section 4.1.3 “Normal Opera-
tion”.
9.
Replaced
Section 5.0 “Design Aids” with
additional information.
10. Added 2x3 DFN package to
Section 6.0 “Pack-
aging Information” and updated Package Out-
line Drawings.
11. Added 2x3 DFN package to
Product Identifica-
tion System section.
Revision C (March 2005)
The following is the list of modifications:
1.
Added the MCP6244 quad op amp.
2.
Re-compensated
parts.
Specifications
that
change are: Gain Bandwidth Product (BWP)
and Phase Margin (PM) in AC Electrical
Characteristics table.
3.
Corrected plots in
Section 2.0 “Typical Perfor-
mance Curves”.
4.
Added
Section 3.0 “Pin Descriptions”.
5.
Added new SC-70 package markings. Added
PDIP-14, SOIC-14, and TSSOP-14 packages
and corrected package marking information
(
Section 6.0 “Packaging Information”).
6.
Added
Appendix A: “Revision History”.
Revision B (August 2004)
Undocumented changes.
Revision A (March 2004)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com