Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6241RT-E/MS Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6241RT-E/MS
Description  50 關A, 550 kHz Rail-to-Rail Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6241RT-E/MS Datasheet(HTML) 5 Page - Microchip Technology

  MCP6241RT-E/MS Datasheet HTML 1Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 2Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 3Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 4Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 5Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 6Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 7Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 8Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21882D-page 5
MCP6241/1R/1U/2/4
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
RL = 100 kΩ to VDD/2 and CL = 60 pF.
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
PSRR, CMRR vs.
Frequency.
FIGURE 2-3:
Input Bias Current at +85°C.
FIGURE 2-4:
CMRR, PSRR vs. Ambient
Temperature.
FIGURE 2-5:
Open-Loop Gain, Phase vs.
Frequency.
FIGURE 2-6:
Input Bias Current at
+125°C.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
Input Offset Voltage (mV)
630 Samples
VCM = VSS
20
30
40
50
60
70
80
90
100
110
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
10
1k
10k
100k
100
PSRR+
PSRR-
CMRR
0%
5%
10%
15%
20%
25%
Input Bias Current (pA)
180 Samples
VCM = VDD/2
TA = +85°C
70
75
80
85
90
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
PSRR (VCM = VSS)
CMRR (VCM = -0.3V to +5.3V,
VDD = 5.0V)
-20
0
20
40
60
80
100
120
1.E-
01
1.E+
00
1.E+
01
1.E+
02
1.E+
03
1.E+
04
1.E+
05
1.E+
06
1.E+
07
Frequency (Hz)
-210
-180
-150
-120
-90
-60
-30
0
RL = 10.0 kΩ
VCM = VDD/2
0.1
1
10 100 1k 10k 100k 1M 10M
Gain
Phase
0%
5%
10%
15%
20%
25%
30%
Input Bias Current (nA)
180 Samples
VCM = VDD/2
TA = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com