Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6241RT-E/MS Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6241RT-E/MS
Description  50 關A, 550 kHz Rail-to-Rail Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6241RT-E/MS Datasheet(HTML) 4 Page - Microchip Technology

  MCP6241RT-E/MS Datasheet HTML 1Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 2Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 3Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 4Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 5Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 6Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 7Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 8Page - Microchip Technology MCP6241RT-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
MCP6241/1R/1U/2/4
DS21882D-page 4
© 2008 Microchip Technology Inc.
AC ELECTRICAL CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
1.1
Test Circuits
The test circuits used for the DC and AC tests are
shown in Figure 1-1 and Figure 1-2. The bypass
capacitors are laid out according to the rules discussed
in
Section 4.6 “PCB Surface Leakage”.
FIGURE 1-1:
AC and DC Test Circuit for
Most Non-Inverting Gain Conditions.
FIGURE 1-2:
AC and DC Test Circuit for
Most Inverting Gain Conditions.
Electrical Characteristics: Unless otherwise indicated, T
A = +25°C, VDD = +1.8 to 5.5V, VSS = GND, VCM = VDD/2,
VOUT ≈ VDD/2, RL = 10 kΩ to VDD/2 and CL = 60 pF.
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
—
550
—
kHz
Phase Margin
PM
—
68
—
°
G = +1 V/V
Slew Rate
SR
—
0.30
—
V/µs
Noise
Input Noise Voltage
Eni
—10
—
µVP-P
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—45
—
nV/
√Hz f = 1 kHz
Input Noise Current Density
ini
—0.6
—
fA/
√Hz f = 1 kHz
Electrical Characteristics: Unless otherwise indicated, V
DD = +1.8V to +5.5V and VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Extended Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
(Note)
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SC70
θ
JA
—
331
—
°C/W
Thermal Resistance, 5L-SOT-23
θ
JA
—
256
—
°C/W
Thermal Resistance, 8L-DFN (2x3)
θ
JA
—
84.5
—
°C/W
Thermal Resistance, 8L-MSOP
θ
JA
—206
—
°C/W
Thermal Resistance, 8L-PDIP
θ
JA
—85
—
°C/W
Thermal Resistance, 8L-SOIC
θ
JA
—163
—
°C/W
Thermal Resistance, 14L-PDIP
θ
JA
—70
—
°C/W
Thermal Resistance, 14L-SOIC
θ
JA
—120
—
°C/W
Thermal Resistance, 14L-TSSOP
θ
JA
—100
—
°C/W
Note:
The internal Junction Temperature (TJ) must not exceed the Absolute Maximum specification of +150°C.
VDD
MCP624X
RG
RF
RN
VOUT
VIN
VDD/2
1µF
CL
RL
VL
0.1 µF
VDD
MCP624X
RG
RF
RN
VOUT
VDD/2
VIN
1µF
CL
RL
VL
0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com