Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1702-1502E/TO Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1702-1502E/TO
Description  250 mA Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1702-1502E/TO Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1702-1502E/TO Datasheet HTML 17Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 18Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 19Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 20Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 21Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 22Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 23Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 24Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22008D-page 21
MCP1702
6.5
Pulsed Load Applications
For some applications, there are pulsed load current
events that may
exceed the specified
250 mA
maximum specification of the MCP1702. The internal
current limit of the MCP1702 will prevent high peak
load demands from causing non-recoverable damage.
The 250 mA rating is a maximum average continuous
rating. As long as the average current does not exceed
250 mA, pulsed higher load currents can be applied to
the MCP1702
. The typical current limit for the
MCP1702 is 500 mA (TA +25°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com