Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1702-1502E/TO Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP1702-1502E/TO
Description  250 mA Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1702-1502E/TO Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP1702-1502E/TO Datasheet HTML 19Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 20Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 21Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 22Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 23Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 24Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 25Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 26Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22008D-page 23
MCP1702
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
3-Pin SOT-23A
XXNN
Standard
Extended Temp
Symbol
Voltage *
Symbol
Voltage *
HA
1.2
HF
3.0
HB
1.5
HG
3.3
HC
1.8
HH
4.0
HD
2.5
HJ
5.0
HE
2.8
—
—
Custom
GD
4.1
—
—
* Custom output voltages available upon request.
Contact your local Microchip sales office for more
information.
Example:
HANN
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Standard
Extended Temp
Symbol
Voltage *
Symbol
Voltage *
HA
1.2
HF
3.0
HB
1.5
HG
3.3
HC
1.8
HH
4.0
HD
2.5
HJ
5.0
HE
2.8
—
—
* Custom output voltages available upon request.
Contact your local Microchip sales office for more
information.
3-Lead SOT-89
XXXYYWW
NNN
Example
HA0924
256
3-Lead TO-92
XXXXXX
XXXXXX
XXXXXX
YWWNNN
Example
1702
1202E
TO^^
924256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com