Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1702-1502E/TO Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1702-1502E/TO
Description  250 mA Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1702-1502E/TO Datasheet(HTML) 1 Page - Microchip Technology

  MCP1702-1502E/TO Datasheet HTML 1Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 2Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 3Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 4Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 5Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 6Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 7Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 8Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22008D-page 1
MCP1702
Features
• 2.0 µA Quiescent Current (typical)
• Input Operating Voltage Range: 2.7V to 13.2V
• 250 mA Output Current for Output Voltages
≥ 2.5V
• 200 mA Output Current for Output Voltages < 2.5V
• Low Dropout (LDO) voltage
- 625 mV typical @ 250 mA (VOUT = 2.8V)
• 0.4% Typical Output Voltage Tolerance
• Standard Output Voltage Options:
- 1.2V, 1.5V, 1.8V, 2.5V, 2.8V,
3.0V, 3.3V, 4.0V, 5.0V
• Output voltage range 1.2V to 5.5V in 0.1V
Increments (50 mV increments available upon
request)
• Stable with 1.0 µF to 22 µF Output Capacitor
• Short-Circuit Protection
• Overtemperature Protection
Applications
• Battery-powered Devices
• Battery-powered Alarm Circuits
• Smoke Detectors
•CO2 Detectors
• Pagers and Cellular Phones
• Smart Battery Packs
• Low Quiescent Current Voltage Reference
•PDAs
• Digital Cameras
• Microcontroller Power
• Solar-Powered Instruments
• Consumer Products
• Battery Powered Data Loggers
Related Literature
• AN765, “Using Microchip’s Micropower LDOs”,
DS00765, Microchip Technology Inc., 2002
• AN766, “Pin-Compatible CMOS Upgrades to
BiPolar LDOs”, DS00766,
Microchip Technology Inc., 2002
• AN792, “A Method to Determine How Much
Power a SOT-23 Can Dissipate in an Application”,
DS00792, Microchip Technology Inc., 2001
Description
The MCP1702 is a family of CMOS low dropout (LDO)
voltage regulators that can deliver up to 250 mA of
current while consuming only 2.0 µA of quiescent
current (typical). The input operating range is specified
from 2.7V to 13.2V, making it an ideal choice for two to
six primary cell battery-powered applications, 9V
alkaline
and
one
or
two
cell
Li-Ion-powered
applications.
The MCP1702 is capable of delivering 250 mA with
only 625 mV (typical) of input to output voltage
differential (VOUT = 2.8V). The output voltage tolerance
of the MCP1702 is typically ±0.4% at +25°C and ±3%
maximum over the operating junction temperature
range of -40°C to +125°C. Line regulation is ±0.1%
typical at +25°C.
Output voltages available for the MCP1702 range from
1.2V to 5.0V. The LDO output is stable when using only
1 µF of output capacitance. Ceramic, tantalum or
aluminum electrolytic capacitors can all be used for
input
and
output.
Overcurrent
limit
and
overtemperature shutdown provide a robust solution
for any application.
Package options include the SOT-23A, SOT-89-3, and
TO-92.
Package Types
1
3
2
VIN
GND VOUT
MCP1702
1
2
3
VIN
GND
VOUT
MCP1702
3-Pin SOT-23A
3-Pin SOT-89
VIN
3-Pin TO-92
12
VOUT
VIN
GND
Bottom
View
3
250 mA Low Quiescent Current LDO Regulator


Similar Part No. - MCP1702-1502E/TO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1702-1502E/TO MICROCHIP-MCP1702-1502E/TO Datasheet
794Kb / 26P
250 mA Low Quiescent Current LDO Regulator
2007
More results

Similar Description - MCP1702-1502E/TO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
250 mA Low Quiescent Current LDO Regulator
2007
MCP1703 MICROCHIP-MCP1703_09 Datasheet
546Kb / 32P
250 mA, 16V, Low Quiescent Current LDO Regulator
2009
MCP1703 MICROCHIP-MCP1703_11 Datasheet
745Kb / 32P
250 mA, 16V, Low Quiescent Current LDO Regulator
2011
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
250 mA Low Quiescent Current LDO Regulator
08/04/10
MCP1703T-5002E MICROCHIP-MCP1703T-5002E Datasheet
745Kb / 32P
250 mA, 16V, Low Quiescent Current LDO Regulator
02/18/11
MCP1703AT-3002E MICROCHIP-MCP1703AT-3002E Datasheet
3Mb / 30P
250 mA, 16V, Low Quiescent Current LDO Regulator
11/29/11
MCP1702T-4102E MICROCHIP-MCP1702T-4102E Datasheet
708Kb / 26P
250 mA Low Quiescent Current LDO Regulator
12/08/06
MCP1703A MICROCHIP-MCP1703A_13 Datasheet
2Mb / 31P
250 mA, 16V, Low Quiescent Current LDO Regulator
08/20/13
logo
Fortune Semiconductor C...
FS8844 FORTUNE-FS8844 Datasheet
691Kb / 10P
250 mA Low Quiescent Current LDO Linear Regulator
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
250 mA Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com