Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73871 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP73871
Description  Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP73871 Datasheet HTML 3Page - Microchip Technology MCP73871 Datasheet HTML 4Page - Microchip Technology MCP73871 Datasheet HTML 5Page - Microchip Technology MCP73871 Datasheet HTML 6Page - Microchip Technology MCP73871 Datasheet HTML 7Page - Microchip Technology MCP73871 Datasheet HTML 8Page - Microchip Technology MCP73871 Datasheet HTML 9Page - Microchip Technology MCP73871 Datasheet HTML 10Page - Microchip Technology MCP73871 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
© 2009 Microchip Technology Inc.
DS22090B-page 7
MCP73871
PROG1 Input (PROG1)
Charge Impedance Range
RPROG
1—
20
k
Ω
PROG3 Input (PROG3)
Termination Impedance Range
RPROG
5
—
100
k
Ω
PROG2 Input (PROG2)
Input High Voltage Level
VIH
1.8
—
—
V
Input Low Voltage Level
VIL
——
0.8
V
Input Leakage Current
ILK
—0.01
1
µA
VPROG2 = VDD
Timer Enable (TE)
Input High Voltage Level
VIH
1.8
—
—
V
Note 1
Input Low Voltage Level
VIL
——
0.8
V
Note 1
Input Leakage Current
ILK
—0.01
1
µA
VTE = VDD
Chip Enable (CE)
Input High Voltage Level
VIH
1.8
—
—
V
Input Low Voltage Level
VIL
——
0.8
V
Input Leakage Current
ILK
—0.01
1
µA
VCE = VDD
Input Source Selection (SEL)
Input High Voltage Level
VIH
1.8
—
—
V
Input Low Voltage Level
VIL
——
0.8
V
Input Leakage Current
ILK
—0.01
1
µA
VSEL = VDD
Thermistor Bias
Thermistor Current Source
ITHERM
47
50
53
µA
2 k
Ω < R
THERM < 50 kΩ
Thermistor Comparator
Upper Trip Threshold
VT1
1.20
1.24
1.26
V
VT1 Low-to-High
Upper Trip Point Hysteresis
VT1HYS
—-40
—
mV
Lower Trip Threshold
VT2
0.23
0.25
0.27
V
VT2 High-to-Low
Lower Trip Point Hysteresis
VT2HYS
—40
—
mV
Thermal Shutdown
Die Temperature
TSD
—
150
—
°C
Die Temperature Hysteresis
TSDHYS
—10
—
°C
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits apply for V
IN = VREG + 0.3V to 6V, TA = -40°C to +85°C.
Typical values are at +25°C, VIN = [VREG (typical) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
The value is ensured by design and not production tested.
2:
The maximum available charge current is also limited by the value set at PROG1 input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com