Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73871 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP73871
Description  Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871 Datasheet(HTML) 2 Page - Microchip Technology

  MCP73871 Datasheet HTML 1Page - Microchip Technology MCP73871 Datasheet HTML 2Page - Microchip Technology MCP73871 Datasheet HTML 3Page - Microchip Technology MCP73871 Datasheet HTML 4Page - Microchip Technology MCP73871 Datasheet HTML 5Page - Microchip Technology MCP73871 Datasheet HTML 6Page - Microchip Technology MCP73871 Datasheet HTML 7Page - Microchip Technology MCP73871 Datasheet HTML 8Page - Microchip Technology MCP73871 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
MCP73871
DS22090B-page 2
© 2009 Microchip Technology Inc.
Package Types
Typical Application Circuit
THERM
MCP73871
20-Lead QFN
PROG1
OUT
SEL
PROG3
VBAT
VBAT
VPCC
VSS
2
EP
20
1
19 18 17
3
4
12
11
10
9
5
67
8
13
14
15
16
21
PROG2
STAT1
LBO
IN
OUT
PG
VBAT
Single-Cell
Li-Ion Battery
7
MCP73871 Typical Application
1, 20
8
18, 19
10 µF
10, 11, EP
Ac-dc Adapter
or
USB Port
STAT2
THERM
VSS
PROG1
PROG3
12
13
RPROG1
6
5
14, 15, 16
470
Ω
470
Ω
470
Ω
2
4.7 µF
System
Load
SEL
TE
PROG2
Hi
Low
Hi
Low
Hi
Low
3
4
9
RPROG3
VPCC
NTC
10 k
Ω
Hi
Low
17
CE
4.7 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com