Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73871 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP73871
Description  Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP73871 Datasheet HTML 13Page - Microchip Technology MCP73871 Datasheet HTML 14Page - Microchip Technology MCP73871 Datasheet HTML 15Page - Microchip Technology MCP73871 Datasheet HTML 16Page - Microchip Technology MCP73871 Datasheet HTML 17Page - Microchip Technology MCP73871 Datasheet HTML 18Page - Microchip Technology MCP73871 Datasheet HTML 19Page - Microchip Technology MCP73871 Datasheet HTML 20Page - Microchip Technology MCP73871 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
© 2009 Microchip Technology Inc.
DS22090B-page 17
MCP73871
3.14
Timer Enable (TE)
The timer enable (TE) feature is used to enable or
disable the internal timer. A low signal on this pin
enables the internal timer and a high signal disables
the internal timer. The TE input can be used to disable
the timer when the system load is substantially limiting
the available supply current to charge the battery. The
TE input is compatible with 1.8V logic.
3.15
Battery Temperature Monitor
(THERM)
The MCP73871 device continuously monitor battery
temperature during a charge cycle by measuring the
voltage between the THERM and VSS pins. An internal
50 µA current source provides the bias for most
common
10 k
Ω negative-temperature coefficient
thermistors (NTC). The MCP73871 device compares
the voltage at the THERM pin to factory set thresholds
of 1.24V and 0.25V, typically. Once a voltage outside
the thresholds is detected during a charge cycle, the
MCP73871 device immediately suspends the charge
cycle. The charge cycle resumes when the voltage at
the THERM pin returns to the normal range. The
charge temperature window can be set by placing fixed
value resistors in series-parallel with a thermistor.
Refer to
Section 6.0 “Applications” for calculations
of resistance values.
3.16
Charge Enable (CE)
With the CE input Low, the Li-Ion battery charger
feature of the MCP73871 will be disabled. The charger
feature is enabled when CE is active High. Allowing the
CE pin to float during the charge cycle may cause
system instability. The CE input is compatible with 1.8V
logic. Refer to
Section 6.0 “Applications” for various
applications in designing with CE features.
3.17
Exposed Thermal Pad (EP)
There is an internal electrical connection between the
Exposed Thermal Pad (EP) and the VSS pin; they must
be connected to the same potential.
Note:
The built-in safety timer is available for the
following options: 4 HR, 6 HR and 8 HR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com