Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6566RT-E/MS Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6566RT-E/MS
Description  1.8V Low Power Open-Drain Output Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6566RT-E/MS Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6566RT-E/MS Datasheet HTML 3Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 4Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 5Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 6Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 7Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 8Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 9Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 10Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22143B-page 7
MCP6566/6R/6U/7/9
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, V
DD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 20 kΩ to VPU = VDD, and CL = 25 pF.
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Offset Voltage Drift.
FIGURE 2-3:
Input vs. Output Signal, No
Phase Reversal.
FIGURE 2-4:
Input Hysteresis Voltage.
FIGURE 2-5:
Input Hysteresis Voltage
Drift - Linear Temp. Co. (TC1).
FIGURE 2-6:
Input Hysteresis Voltage
Drift - Quadratic Temp. Co. (TC2).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
10%
20%
30%
40%
50%
-10 -8-6-4
-2
0
2
4
6
8
10
VOS (mV)
VDD = 1.8V
VCM = VSS
Avg. = -0.1 mV
StDev = 2.1 mV
3588 units
VDD = 5.5V
VCM = VSS
Avg. = -0.9 mV
StDev = 2.1 mV
3588 units
0%
10%
20%
30%
40%
50%
60%
-60 -48 -36 -24 -12
0
12 24 36 48 60
VOS Drift (µV/°C)
VCM = VSS
Avg. = 0.9 µV/°C
StDev = 6.6 µV/°C
1380 Units
TA = -40°C to +125°C
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Time (3 µs/div)
VIN-
VOUT
VDD = 5.5V
VIN+ = VDD/2
0%
5%
10%
15%
20%
25%
30%
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VHYST (mV)
VDD = 1.8V
Avg. = 3.4 mV
StDev = 0.2 mV
3588 units
VDD = 5.5V
Avg. = 3.6 mV
StDev = 0.1 mV
3588 units
0%
10%
20%
30%
40%
50%
60%
02
468
10 12 14 16 18 20
VHYST Drift, TC1 (µV/°C)
1380 Units
TA = -40°C to 125°C
VCM = VSS
VDD = 5.5V
Avg. = 10.4 µV/°C
StDev = 0.6 µV/°C
VDD = 1.8V
Avg. = 12 µV/°C
StDev = 0.6 µV/°C
0%
10%
20%
30%
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
VHYST Drift, TC2 (µV/°C
2)
VDD = 5.5V
Avg. = 0.25 µV/°C
2
StDev = 0.1 µV/°C
2
VDD = 1.8V
Avg. = 0.3 µV/°C
2
StDev = 0.2 µV/°C
2
1380 Units
TA = -40°C to +125°C
VCM = VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com