Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6566RT-E/MS Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6566RT-E/MS
Description  1.8V Low Power Open-Drain Output Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6566RT-E/MS Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6566RT-E/MS Datasheet HTML 8Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 9Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 10Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 11Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 12Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 13Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 14Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 15Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
MCP6566/6R/6U/7/9
DS22143B-page 12
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, V
DD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 20 kΩ to VPU = VDD, and CL = 25 pF.
FIGURE 2-31:
Propagation Delay vs.
Common-mode Input Voltage.
FIGURE 2-32:
Propagation Delay vs.
Capacitive Load.
FIGURE 2-33:
Input Bias Current vs. Input
Voltage vs Temperature.
FIGURE 2-34:
Propagation Delay vs.
Common-mode Input Voltage.
FIGURE 2-35:
Propagation Delay vs.
Pull-up Resistor.
FIGURE 2-36:
Propagation Delay vs.
Pull-up Voltage.
20
30
40
50
60
70
80
0.00
0.50
1.00
1.50
2.00
VCM (V)
tPHL
VDD= 1.8V
100 mV Over-Drive
0.01
0.1
1
10
100
1000
1
10
100
1000
10000 100000 1E+06
Capacitive Load (nf)
0.001
0.01
0.1
1
10
100
1000
VDD = 5.5V, tPHL
100mV Over-Drive
VCM = VDD/2
VDD = 1.8V, tPHL
1E-01
1E+01
1E+03
1E+05
1E+07
1E+09
1E+11
-0.8
-0.6
-0.4
-0.2
0
Input Voltage (V)
TA= -40°C
TA= +85°C
TA= +125°C
TA= +25°C
0.1p
10p
1n
100n
10µ
1m
10m
20
30
40
50
60
70
80
0.01.0
2.03.0
4.05.0
6.0
VCM (V)
tPHL
VDD= 5.5V
100 mV Over-Drive
10
100
1000
10000
0.1
1.0
10.0
100.0
RPU (kΩ)
tPLH
tPHL
100 mV Over-Drive
VCM = VDD/2
10
100
1000
10000
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
VPU (V)
tPLH, VDD = 5.5V
100 mV Over-Drive
VCM = VDD/2
tPLH, VDD = 1.8V
tPHL, VDD = 1.8V
tPLH, VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com