Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6566RT-E/MS Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6566RT-E/MS
Description  1.8V Low Power Open-Drain Output Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6566RT-E/MS Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6566RT-E/MS Datasheet HTML 13Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 14Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 15Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 16Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 17Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 18Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 19Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 20Page - Microchip Technology MCP6566RT-E/MS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22143B-page 17
MCP6566/6R/6U/7/9
4.0
APPLICATIONS INFORMATION
The MCP6566/6R/6U/7/9 family of open-drain output
comparators are fabricated on Microchip’s state-of-
the-art CMOS process. They are suitable for a wide
range of high speed applications requiring low power
consumption.
4.1
Comparator Inputs
4.1.1
NORMAL OPERATION
The input stage of this family of devices uses two
differential input stages in parallel. This configuration
provides three regions of operation, one operates at
low input voltages, one at high input voltages, and one
at mid input voltage. With this topology, the input
voltage range is 0.3V above VDD and 0.3V below VSS,
while providing low offset voltage through out the
common mode range. The input offset voltage is
measured at both VSS - 0.3V and VDD + 0.3V to ensure
proper operation.
The MCP6566/6R/6U/7/9 family has internally-set
hysteresis VHYST that is small enough to maintain input
offset accuracy and large enough to eliminate output
chattering caused by the comparator’s own input noise
voltage ENI. Figure 4-1 depicts this behavior. Input
offset voltage (VOS) is the center (average) of the
(input-referred) low-high and high-low trip points. Input
hysteresis voltage (VHYST) is the difference between
the same trip points.
FIGURE 4-1:
The MCP6566/6R/6U/7/9
comparators’ internal hysteresis eliminates
output chatter caused by input noise voltage.
4.1.2
INPUT VOLTAGE AND CURRENT
LIMITS
The ESD protection on the inputs can be depicted as
shown in Figure 4-2. This structure was chosen to
protect the input transistors, and to minimize input bias
current (IB). The input ESD diodes clamp the inputs
when they try to go more than one diode drop below
VSS. They also clamp any voltages that go too far
above VDD; their breakdown voltage is high enough to
allow normal operation, and low enough to bypass ESD
events within the specified limits.
FIGURE 4-2:
Simplified Analog Input ESD
Structures.
In order to prevent damage and/or improper operation
of these amplifiers, the circuits they are in must limit the
currents (and voltages) at the VIN+ and VIN– pins (see
Section 1.1 “Maximum Ratings*” at the beginning of
Section 1.0 “Electrical Characteristics”). Figure 4-3
shows the recommended approach to protecting these
inputs. The internal ESD diodes prevent the input pins
(VIN+ and VIN–) from going too far below ground, and
the resistors R1 and R2 limit the possible current drawn
out of the input pin. Diodes D1 and D2 prevent the input
pin (VIN+ and VIN–) from going too far above VDD.
When implemented as shown, resistors R1 and R2 also
limit the current through D1 and D2.
FIGURE 4-3:
Protecting the Analog
Inputs.
-3
-2
-1
0
1
2
3
4
5
6
7
8
Time (100 ms/div)
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
VOUT
VIN–
VDD = 5.0V
Hysteresis
Bond
Pad
Bond
Pad
Bond
Pad
VDD
VIN+
VSS
Input
Stage
Bond
Pad
VIN–
V1
R1
VDD
D1
R2 ≥
VSS – (minimum expected V2)
2mA
VOUT
V2
R2
R3
D2
+
–
R1 ≥
VSS – (minimum expected V1)
2mA
VPU
R4
MCP656X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com