Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP652-E/SN Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP652-E/SN
Description  50 MHz, 6 mA Op Amps with mCal
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP652-E/SN Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP652-E/SN Datasheet HTML 2Page - Microchip Technology MCP652-E/SN Datasheet HTML 3Page - Microchip Technology MCP652-E/SN Datasheet HTML 4Page - Microchip Technology MCP652-E/SN Datasheet HTML 5Page - Microchip Technology MCP652-E/SN Datasheet HTML 6Page - Microchip Technology MCP652-E/SN Datasheet HTML 7Page - Microchip Technology MCP652-E/SN Datasheet HTML 8Page - Microchip Technology MCP652-E/SN Datasheet HTML 9Page - Microchip Technology MCP652-E/SN Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
MCP651/2/5
DS22146A-page 6
© 2009 Microchip Technology Inc.
1.3
Timing Diagram
FIGURE 1-1:
Timing Diagram.
1.4
Test Circuits
The circuit used for most DC and AC tests is shown in
Figure 1-2. This circuit can independently set VCM and
VOUT; see Equation 1-1. Note that VCM is not the
circuit’s common mode voltage ((VP +VM)/2), and that
VOST includes VOS plus the effects (on the input offset
error, VOST) of temperature, CMRR, PSRR and AOL.
EQUATION 1-1:
FIGURE 1-2:
AC and DC Test Circuit for
Most Specifications.
Thermal Resistance, 10L-3×3 DFN
θJA
—71—
°C/W
(Note 2)
Thermal Resistance, 10L-MSOP
θJA
—
202
—
°C/W
TABLE 1-4:
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, all limits are specified for: VDD = +2.5V to +5.5V, VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Operation must not cause TJ to exceed Maximum Junction Temperature specification (150°C).
2:
Measured on a standard JC51-7, four layer printed circuit board with ground plane and vias.
High-Z
VDD
VOUT
-3 µA (typical)
High-Z
ISS
ICS
-3 µA (typical)
-6 mA (typical)
VPRH
VPRL
tPON
tPOFF
On
0nA(typical)
High-Z
-3 µA (typical)
-6 mA (typical)
tCOFF
tCON
On
0.7 µA (typical)
0nA(typical)
CAL/CS
VIH
VIL
tCSU
GDM
RF RG
⁄
=
VCM
VP VDD 2
⁄
+
() 2
⁄
=
VOUT
VDD 2
⁄
()
VP VM
–
() V
OST 1
GDM
+
()
++
=
Where:
GDM = Differential Mode Gain
(V/V)
VCM = Op Amp’s Common Mode
Input Voltage
(V)
VOST = Op Amp’s Total Input Offset
Voltage
(mV)
VOST
VIN– VIN+
–
=
VDD
MCP65X
RG
RF
VOUT
VM
CB2
CL
RL
VL
CB1
10 k
Ω
10 k
Ω
RG
RF
VDD/2
VP
10 k
Ω
10 k
Ω
20 pF
1k
Ω
2.2 µF
100 nF
VIN–
VIN+
CF
6.8 pF
CF
6.8 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com