Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP652-E/SN Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP652-E/SN
Description  50 MHz, 6 mA Op Amps with mCal
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP652-E/SN Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP652-E/SN Datasheet HTML 13Page - Microchip Technology MCP652-E/SN Datasheet HTML 14Page - Microchip Technology MCP652-E/SN Datasheet HTML 15Page - Microchip Technology MCP652-E/SN Datasheet HTML 16Page - Microchip Technology MCP652-E/SN Datasheet HTML 17Page - Microchip Technology MCP652-E/SN Datasheet HTML 18Page - Microchip Technology MCP652-E/SN Datasheet HTML 19Page - Microchip Technology MCP652-E/SN Datasheet HTML 20Page - Microchip Technology MCP652-E/SN Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22146A-page 17
MCP651/2/5
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =1kΩ to VL, CL = 20 pF, and CAL/CS =VSS.
2.6
Calibration and Chip Select Response
FIGURE 2-44:
CAL/CS Current vs. Power
Supply Voltage.
FIGURE 2-45:
CAL/CS Voltage, Output
Voltage and Supply Current (for Side A) vs. Time
with VDD =2.5V.
FIGURE 2-46:
CAL/CS Voltage, Output
Voltage and Supply Current (for Side A) vs. Time
with VDD =5.5V.
FIGURE 2-47:
CAL/CS Hysteresis vs.
Ambient Temperature.
FIGURE 2-48:
CAL/CS Turn On Time vs.
Ambient Temperature.
FIGURE 2-49:
CAL/CS’s Pull-down
Resistor (RPD) vs. Ambient Temperature.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0.00.5 1.01.5 2.02.5 3.0 3.5 4.04.5 5.0 5.5
Power Supply Voltage (V)
CAL/CS = VDD
-1
0
1
2
3
4
5
6
7
8
9
01234
56789
10
Time (ms)
-12
-10
-8
-6
-4
-2
0
2
4
6
8
VDD = 2.5V
G = 1
VL = 0V
Op Amp
turns on
CAL/CS
Op Amp
turns off
Calibration
starts
IDD
VOUT
-1
0
1
2
3
4
5
6
7
8
9
10
11
0
1
2
3456
789 10
Time (ms)
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
VDD = 5.5V
G = 1
VL = 0V
CAL/CS
Op Amp
turns off
Calibration
starts
IDD
VOUT
Op Amp
turns on
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD = 2.5V
VDD = 5.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
0
1
2
3
4
5
6
7
8
-50
-25
0
255075
100
125
Ambient Temperature (°C)
Representative Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com