Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP652-E/SN Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP652-E/SN
Description  50 MHz, 6 mA Op Amps with mCal
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP652-E/SN Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP652-E/SN Datasheet HTML 9Page - Microchip Technology MCP652-E/SN Datasheet HTML 10Page - Microchip Technology MCP652-E/SN Datasheet HTML 11Page - Microchip Technology MCP652-E/SN Datasheet HTML 12Page - Microchip Technology MCP652-E/SN Datasheet HTML 13Page - Microchip Technology MCP652-E/SN Datasheet HTML 14Page - Microchip Technology MCP652-E/SN Datasheet HTML 15Page - Microchip Technology MCP652-E/SN Datasheet HTML 16Page - Microchip Technology MCP652-E/SN Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22146A-page 13
MCP651/2/5
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =1kΩ to VL, CL = 20 pF, and CAL/CS =VSS.
FIGURE 2-30:
Gain Peaking vs.
Normalized Capacitive Load.
FIGURE 2-31:
Channel-to-Channel
Separation vs. Frequency.
0
1
2
3
4
5
6
7
8
9
10
1.0E-11
1.0E-10
1.0E-09
Normalized Capacitive Load; CL/G (F)
10p
100p
1n
10n
G = 1 V/V
G = 2 V/V
G
• 4 V/V
50
60
70
80
90
100
110
120
130
140
150
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
Frequency (Hz)
1k
10k
100k
RTI
VCM = VDD/2
G = +1 V/V
RS = 0Ω
RS = 1 kΩ
RS = 10 kΩ
RS = 100 kΩ
1M
10M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com