Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98243T Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP98243T
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243T Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP98243T Datasheet HTML 17Page - Microchip Technology MCP98243T Datasheet HTML 18Page - Microchip Technology MCP98243T Datasheet HTML 19Page - Microchip Technology MCP98243T Datasheet HTML 20Page - Microchip Technology MCP98243T Datasheet HTML 21Page - Microchip Technology MCP98243T Datasheet HTML 22Page - Microchip Technology MCP98243T Datasheet HTML 23Page - Microchip Technology MCP98243T Datasheet HTML 24Page - Microchip Technology MCP98243T Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
© 2009 Microchip Technology Inc.
DS22153B-page 21
MCP98243
bit 7
TCRIT Lock Bit (Crit. Lock):
0
=
Unlocked. TCRIT register can be written. (power-up default)
1
=
Locked. TCRIT register can not be written
When enabled, this bit remains set ‘1’ or locked until cleared by internal reset (Section 5.4 “Summary
of Power-on Default”). This bit does not require a double-write.
This bit can be programmed in shutdown mode.
bit 6
TUPPER and TLOWER Window Lock Bit (Win. Lock):
0
=
Unlocked. TUPPER and TLOWER registers can be written. (power-up default)
1
=
Locked. TUPPER and TLOWER registers can not be written
When enabled, this bit remains set ‘1’ or locked until cleared by power-on Respell (Section 5.4 “Sum-
mary of Power-on Default”). This bit does not require a double-write.
This bit can be programmed in shutdown mode.
bit 5
Interrupt Clear (Int. Clear) Bit:
0
=
No effect (power-up default)
1
=
Clear interrupt output. When read this bit returns ‘0’
This bit clears the Interrupt flag which de-asserts Event output. In shutdown mode, the Event output is
always de-asserted. Therefore, setting this bit in shutdown mode clears the interrupt after the device
returns to normal operation.
bit 4
Event Output Status (Event Stat.) Bit:
0
=
Event output is not asserted by the device (power-up default)
1
=
Event output is asserted as a comparator/Interrupt or critical temperature output
In shutdown mode this bit will clear because Event output is always de-asserted in shutdown mode.
bit 3
Event Output Control (Event Cnt.) Bit:
0
=
Event output Disabled (power-up default)
1
=
Event output Enabled
This bit can not be altered when either of the lock bits is set (bit 6 and bit 7).
This bit can be programmed in shutdown mode, but Event output will remain de-asserted.
bit 2
Event Output Select (Event Sel.) Bit:
0
=
Event output for TUPPER, TLOWER and TCRIT (power-up default)
1
= TA ≥ TCRIT only. (TUPPER and TLOWER temperature boundaries are disabled.)
When the Alarm Window Lock bit is set, this bit cannot be altered until unlocked (bit 6).
This bit can be programmed in shutdown mode, but Event output will remain de-asserted.
bit 1
Event Output Polarity (Event Pol.) Bit:
0
=
Active low (power-up default. Pull-up resistor required) See Section 5.2.3 “Event Output
Configuration”
1
=
Active-high (Pull-down resistor required) See Section 5.2.3 “Event Output Configuration”
This bit cannot be altered when either of the lock bits is set (bit 6 and bit 7).
This bit can be programmed in shutdown mode, but Event output will remain de-asserted.
bit 0
Event Output Mode (Event Mod.) Bit:
0
=
Comparator output (power-up default)
1
=
Interrupt output
This bit cannot be altered when either of the lock bits is set (bit 6 and bit 7).
This bit can be programmed in shutdown mode, but Event output will remain de-asserted.
REGISTER 5-3:
CONFIGURATION REGISTER (CONFIG)
→ ADDRESS ‘0000 0001’b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com