Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98243T Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP98243T
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243T Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP98243T Datasheet HTML 3Page - Microchip Technology MCP98243T Datasheet HTML 4Page - Microchip Technology MCP98243T Datasheet HTML 5Page - Microchip Technology MCP98243T Datasheet HTML 6Page - Microchip Technology MCP98243T Datasheet HTML 7Page - Microchip Technology MCP98243T Datasheet HTML 8Page - Microchip Technology MCP98243T Datasheet HTML 9Page - Microchip Technology MCP98243T Datasheet HTML 10Page - Microchip Technology MCP98243T Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
© 2009 Microchip Technology Inc.
DS22153B-page 7
MCP98243
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = 2.7V to 5.5V, GND = Ground, SDA/SCL pulled-up to VDD, and
TA = -40°C to +125°C.
FIGURE 2-1:
Average Temperature
Accuracy.
FIGURE 2-2:
Temperature Accuracy
Histogram, TA = +95°C.
FIGURE 2-3:
Temperature Accuracy
Histogram, TA = +75°C.
FIGURE 2-4:
Supply Current vs.
Temperature.
FIGURE 2-5:
Serial Bus Time-Out vs.
Temperature.
FIGURE 2-6:
Power-on Reset Threshold
Voltage vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-40
-20
0
20
40
60
80
100 120
TA (°C)
VDD= 3.3V
Spec. Limits
0%
10%
20%
30%
40%
50%
60%
70%
Temperature Accuracy (°C)
TA = +95°C
VDD = 3.3V
221 units
0%
10%
20%
30%
40%
50%
60%
70%
Temperature Accuracy (°C)
TA = +75°C
VDD = 3.3V
221 units
1
10
100
1000
10000
-40
-20
0
20
40
60
80
100 120
TA (°C)
EEPROM Write (Sensor in Shutdown Mode)
Sensor (EEPROM Inactive)
EEPROM Read (Sensor in Shutdown Mode)
25
30
35
-40
-20
0
2040
6080
100 120
TA (°C)
VDD = 3.3V to 3.6V
0
0.5
1
1.5
2
2.5
3
-40
-20
0
20406080
100 120
TA (°C)
VPOR_TS
VPOR_EE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com