Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98243T Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP98243T
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243T Datasheet(HTML) 2 Page - Microchip Technology

  MCP98243T Datasheet HTML 1Page - Microchip Technology MCP98243T Datasheet HTML 2Page - Microchip Technology MCP98243T Datasheet HTML 3Page - Microchip Technology MCP98243T Datasheet HTML 4Page - Microchip Technology MCP98243T Datasheet HTML 5Page - Microchip Technology MCP98243T Datasheet HTML 6Page - Microchip Technology MCP98243T Datasheet HTML 7Page - Microchip Technology MCP98243T Datasheet HTML 8Page - Microchip Technology MCP98243T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
MCP98243
DS22153B-page 2
© 2009 Microchip Technology Inc.
Sensor Typical Accuracy Performance
Note:
This accuracy data from the production system represents the typical accuracy performance of the
MCP98242 Memory Module Temperature Sensor. The MCP98242 production methodology is also used for
the MCP98243 to achieve the same typical accuracy performance.
0%
10%
20%
30%
40%
50%
Temperature Accuracy (°C)
TA = +85°C
1,063,478 units
63 Production lots
Statistics:
Average = 0.003 °C
St. Dev = 0.13 °C
±3 Sigma = ±0.4 °C
MCP98243 VS. MCP98242
Feature
MCP98243
MCP98242
Event Output in Shutdown Mode
Event Output De-asserts
Event Output Remains Asserted
I2C communication Timeout Range
tOUT = 25 ms to 35 ms
tOUT = 20 ms to 35 ms
I2C Maximum Bus Frequency
400 kHz
100 kHz
I2C SCL & SDA VIL/VIH voltage levels
VIL_MAX=0.3*VDD, VIH_MIN=0.7*VDD
VIL_MAX = 0.8V, VIH_MIN = 2.1V
VHV A0 range
7V to 12V
8V to 12V
I2C Spike Supression
50 ns
—
I2C input hysteresis
0.05VDD
0.5V
Device/Revision ID Register
0x2101 (hex)
0x2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com