Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2036-E/P Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP2036-E/P
Description  Inductive Sensor Analog Front End Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2036-E/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP2036-E/P Datasheet HTML 9Page - Microchip Technology MCP2036-E/P Datasheet HTML 10Page - Microchip Technology MCP2036-E/P Datasheet HTML 11Page - Microchip Technology MCP2036-E/P Datasheet HTML 12Page - Microchip Technology MCP2036-E/P Datasheet HTML 13Page - Microchip Technology MCP2036-E/P Datasheet HTML 14Page - Microchip Technology MCP2036-E/P Datasheet HTML 15Page - Microchip Technology MCP2036-E/P Datasheet HTML 16Page - Microchip Technology MCP2036-E/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
© 2009 Microchip Technology Inc.
DS22186B-page 13
MCP2036
TABLE 4-4:
TIMING DIAGRAM
TABLE 4-3:
TEMPERATURE SPECIFICATIONS
Electrical Characteristics:
Unless otherwise indicated, VDD = +2.7V to +5.5V, and VSS = GND.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Industrial Temperature
Range
TA
-40
—
+85
°C
Extended Temperature
Range
TA
-40
—
+125
°C
Operating Temperature
Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance,
14L-PDIP
θJA
—70
—
°C/W
Thermal Resistance,
14L-SOIC
θJA
—
120
—
°C/W
Thermal Resistance,
16L-QFN
θJA
—47
—
°C/W
Electrical Characteristics:
Unless otherwise indicated, VDD = +2.7V to +5.5V, and VSS = GND.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Clock Frequency
FCLK
—2
—
MHz
Duty Factor
D
—
50
—
%
Device Turn-On Time
tON
—
4
10
µs
Time from CS= 0 to valid
VDETOUT output (Note 1)
Device Power-Down Time
tOFF
—1—
—
µs
Time from CS= 1 to High-Z
outputs on all drivers
(Note 1)
Note 1:
Not tested in production but it is
characterized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com