Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2036-E/P Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2036-E/P
Description  Inductive Sensor Analog Front End Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2036-E/P Datasheet(HTML) 1 Page - Microchip Technology

  MCP2036-E/P Datasheet HTML 1Page - Microchip Technology MCP2036-E/P Datasheet HTML 2Page - Microchip Technology MCP2036-E/P Datasheet HTML 3Page - Microchip Technology MCP2036-E/P Datasheet HTML 4Page - Microchip Technology MCP2036-E/P Datasheet HTML 5Page - Microchip Technology MCP2036-E/P Datasheet HTML 6Page - Microchip Technology MCP2036-E/P Datasheet HTML 7Page - Microchip Technology MCP2036-E/P Datasheet HTML 8Page - Microchip Technology MCP2036-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© 2009 Microchip Technology Inc.
DS22186B-page 1
MCP2036
Features:
• Complete Inductance Measurement System:
- Low-Impedance Current Driver
- Sensor/Reference Coil Multiplexer
- High-Frequency Detector
• Operating Voltage: 2.7 to 5.5V
• Low-Power Standby Mode
• Gain and Frequency set by external passive
components
Typical Applications:
• Harsh environment inductive keyboards
• Inductive rotational sensor interface
• Inductive displacement sensor interface
• Inductive force sensor interface
Description:
The MCP2036 Inductive Sensor Analog Front End
(AFE) combines all the necessary analog functions for
a complete inductance measurement system.
The device includes:
• High-frequency, current-mode coil driver for
exciting the sensor coil.
• Synchronous detector for converting AC sense
voltages into DC levels.
• Output amplifier/filter to improve resolution and
limit noise.
• Virtual ground reference generator for single
supply operation.
The device is available in 14-pin PDIP, SOIC and
16-pin QFN packages:
Package Types
1
2
3
6
7
4
5
14
13
8
9
10
11
12
VREF
LREF
LBTN
VDD
DRVOUT
DRVIN
CLK
VDET+
VDET-
VDETOUT
VSS
CS
REFSEL
Reserved
9
10
11
12
1
2
3
4
LREF
LBTN
VDD
DRVOUT
VDET-
VDETOUT
VSS
Reserved
MCP2036
16-pin QFN
MCP2036
14-pin PDIP, SOIC
Inductive Sensor Analog Front End Device


Similar Part No. - MCP2036-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2030 MICROCHIP-MCP2030 Datasheet
1Mb / 66P
Three-Channel Analog Front-End Device
2005
MCP2030-I/P MICROCHIP-MCP2030-I/P Datasheet
1Mb / 66P
Three-Channel Analog Front-End Device
2005
MCP2030-I/SL MICROCHIP-MCP2030-I/SL Datasheet
1Mb / 66P
Three-Channel Analog Front-End Device
2005
MCP2030-I/ST MICROCHIP-MCP2030-I/ST Datasheet
1Mb / 66P
Three-Channel Analog Front-End Device
2005
MCP2030A MICROCHIP-MCP2030A Datasheet
1Mb / 74P
Three-Channel Analog Front-End Devicewith 1 mVPP Input Detection Sensitivity
2011
More results

Similar Description - MCP2036-E/P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Microchip Technology
MCP2030 MICROCHIP-MCP2030 Datasheet
1Mb / 66P
Three-Channel Analog Front-End Device
2005
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Microchip Technology
MCP2030 MICROCHIP-MCP2030_13 Datasheet
958Kb / 66P
Three-Channel Analog Front-End Device
2005-2013
MCP2030A-I MICROCHIP-MCP2030A-I Datasheet
1Mb / 66P
Three-Channel Analog Front-End Device
08/24/05
MCP2035 MICROCHIP-MCP2035 Datasheet
1Mb / 68P
Analog Front-End Device for BodyCom Applications
11/29/11
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
logo
Shenzhen Huazhimei Semi...
HM1001 HMSEMI-HM1001 Datasheet
486Kb / 9P
Infrared sensor analog front end dedicated chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com