Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2036-E/P Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP2036-E/P
Description  Inductive Sensor Analog Front End Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2036-E/P Datasheet(HTML) 2 Page - Microchip Technology

  MCP2036-E/P Datasheet HTML 1Page - Microchip Technology MCP2036-E/P Datasheet HTML 2Page - Microchip Technology MCP2036-E/P Datasheet HTML 3Page - Microchip Technology MCP2036-E/P Datasheet HTML 4Page - Microchip Technology MCP2036-E/P Datasheet HTML 5Page - Microchip Technology MCP2036-E/P Datasheet HTML 6Page - Microchip Technology MCP2036-E/P Datasheet HTML 7Page - Microchip Technology MCP2036-E/P Datasheet HTML 8Page - Microchip Technology MCP2036-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MCP2036
DS22186B-page 2
© 2009 Microchip Technology Inc.
1.0
FUNCTIONAL DESCRIPTION
The MCP2036 measures a sensor coil’s impedance by
exciting the coil with a pulsed DC current and
measuring the amplitude of the resulting AC voltage
waveform. The drive current is generated by the
on-chip current amplifier/driver which takes the
high-frequency triangular waveform present on the
DRVIN input, and amplifies it into the pulsed DC current
for exciting the series combination of the sensor coils.
The AC voltages generated across the coils, are then
capacitively coupled into the LBTN and LREF inputs.
An input resistance of 2K between the inputs and the
virtual ground offsets the AC input voltages up to the
signal ground generated by the reference voltage
generator, as shown in Figure 1-1.
FIGURE 1-1:
MCP2036 Block Diagram
Voltage
Reference
REFSEL
VDETOUT
DRVIN
CLK
DRVOUT
LBTN
LREF
VREF
VDD
VSS
0
1
Input MUX
CS
Key Inductor Driver
Mixer
VDET+
VDET-
+
-
10K
10K
Op. Amp. Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com