Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3901 Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP3901
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP3901 Datasheet HTML 34Page - Microchip Technology MCP3901 Datasheet HTML 35Page - Microchip Technology MCP3901 Datasheet HTML 36Page - Microchip Technology MCP3901 Datasheet HTML 37Page - Microchip Technology MCP3901 Datasheet HTML 38Page - Microchip Technology MCP3901 Datasheet HTML 39Page - Microchip Technology MCP3901 Datasheet HTML 40Page - Microchip Technology MCP3901 Datasheet HTML 41Page - Microchip Technology MCP3901 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
MCP3901
DS22192A-page 38
© 2009 Microchip Technology Inc.
6.10.2
DR PULSES WITH SHUTDOWN OR
RESET CONDITIONS
There will be no DR pulses if DRMODE<1:0>=00 when
either one or both of the ADCs are in reset or shutdown.
In Mode 00, a DR pulse only happens when both ADCs
are ready. Any DR pulse will correspond to one data on
both ADCs. The two ADCs are linked together and act
as if there was only on channel with the combined data
of both ADCs. This mode is very practical when both
ADC channel data retrieval and processing need to be
synchronized, as in power metering applications.
Figure 6-8 represents the behavior of the data ready
pin with the different DRMODE and DR_LTY configura-
tions, while shutdown or resets are applied.
Note:
If DRMODE<1:0>=11, the user will still be
able to retrieve the DR pulse for the ADC
not in shutdown or reset, i.e. only 1 ADC
channel needs to be awake.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com