Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3901 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP3901
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP3901 Datasheet HTML 37Page - Microchip Technology MCP3901 Datasheet HTML 38Page - Microchip Technology MCP3901 Datasheet HTML 39Page - Microchip Technology MCP3901 Datasheet HTML 40Page - Microchip Technology MCP3901 Datasheet HTML 41Page - Microchip Technology MCP3901 Datasheet HTML 42Page - Microchip Technology MCP3901 Datasheet HTML 43Page - Microchip Technology MCP3901 Datasheet HTML 44Page - Microchip Technology MCP3901 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
© 2009 Microchip Technology Inc.
DS22192A-page 41
MCP3901
7.0
INTERNAL REGISTERS
The addresses associated with the internal registers
are listed below. A detailed description of the registers
follows. All registers are 8-bit long and can be
addressed separately. READ modes define the groups
and
types
of
registers
for
continuous
read
communication or looping on address sets.
.
TABLE 7-2:
REGISTER MAP GROUPING
FOR CONTINUOUS READ
MODES
TABLE 7-1:
REGISTER MAP
Address
Name
Bits
R/W
Description
0x00
DATA_CH0
24
R
Channel 0 ADC Data <23:0>, MSB First
0x03
DATA_CH1
24
R
Channel 1 ADC Data <23:0>, MSB First
0x06
MOD
8
R/W Delta Sigma Modulators Output Register
0x07
PHASE
8
R/W Phase Delay Configuration Register
0x08
GAIN
8
R/W Gain Configuration Register
0x09
STATUS/COM
8
R/W Status / Communication Register
0x0A
CONFIG1
8
R/W Configuration Register 1
0x0B
CONFIG2
8
R/W Configuration Register 2
Function
Address
READ<1:0>
= “01”
= “10”
= “11”
DATA_CH0
0x00
0x01
0x02
DATA_CH1
0x03
0x04
0x05
MOD
0x06
PHASE
0x07
GAIN
0x08
STATUS/
COM
0x09
CONFIG1
0x0A
CONFIG2
0x0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com