Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3901 Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP3901
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901 Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP3901 Datasheet HTML 41Page - Microchip Technology MCP3901 Datasheet HTML 42Page - Microchip Technology MCP3901 Datasheet HTML 43Page - Microchip Technology MCP3901 Datasheet HTML 44Page - Microchip Technology MCP3901 Datasheet HTML 45Page - Microchip Technology MCP3901 Datasheet HTML 46Page - Microchip Technology MCP3901 Datasheet HTML 47Page - Microchip Technology MCP3901 Datasheet HTML 48Page - Microchip Technology MCP3901 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
© 2009 Microchip Technology Inc.
DS22192A-page 45
MCP3901
7.4
Gain Configuration Register
This registers contains the settings for the PGA gains
for each channel as well as the BOOST options for
each channel.
REGISTER 7-4:
GAIN CONFIGURATION REGISTER (GAIN) - > ADDRESS 0X08
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PGA_CH1
<2>
PGA_CH1
<1>
PGA_CH1
<0>
BOOST_
CH1
BOOST_
CH0
PGA_CH0
<2>
PGA_CH0
<1>
PGA_CH0
<0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7:5
PGA_CH1<2:0>: PGA Setting for Channel 1
111
= Reserved (Gain = 1)
110
= Reserved (Gain = 1)
101
= Gain is 32
100
= Gain is 16
011
= Gain is 8
010
= Gain is 4
001
= Gain is 2
000
= Gain is 1
bit 4:3
BOOST<1:0> Current Scaling for high speed operation
11
= Both channels have current x 2
10
= Channel 1 has current x 2
01
= Channel 0 has current x 2
00
= Neither channel have current x 2
bit 2:0
PGA_CH0<2:0>: PGA Setting for Channel 0
111
= Reserved (Gain = 1)
110
= Reserved (Gain = 1)
101
= Gain is 32
100
= Gain is 16
011
= Gain is 8
010
= Gain is 4
001
= Gain is 2
000
= Gain is 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com