Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3901A2T-I/SS Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3901A2T-I/SS
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A2T-I/SS Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3901A2T-I/SS Datasheet HTML 17Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 18Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 19Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 20Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 21Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 22Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 23Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 24Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
© 2009 Microchip Technology Inc.
DS22192A-page 21
MCP3901
4.8
Integral Non-Linearity Error
Integral non-linearity error is the maximum deviation of
an ADC transition point from the corresponding point of
an ideal transfer function, with the offset and gain
errors removed, or with the end points equal to zero.
It is the maximum remaining error after calibration of
offset and gain errors for a DC input signal.
4.9
Signal-To-Noise Ratio (SNR)
For the MCP3901 ADC, the signal-to-noise ratio is a
ratio of the output fundamental signal power to the
noise power (not including the harmonics of the signal),
when the input is a sinewave at a predetermined
frequency. It is measured in dB. Usually, only the
maximum signal to noise ratio is specified. The SNR
figure depends mainly on the OSR and DITHER
settings of the device.
EQUATION 4-4:
SIGNAL-TO-NOISE RATIO
4.10
Signal-To-Noise Ratio And
Distortion (SINAD)
The most important figure of merit for the analog
performance of the ADCs present on the MCP3901 is
the
Signal-to-Noise
And
Distortion
(SINAD)
specification.
Signal-to-noise and distortion ratio is similar to signal-
to-noise ratio, with the exception that you must include
the harmonics power in the noise power calculation.
The SINAD specification depends mainly on the OSR
and DITHER settings.
EQUATION 4-5:
SINAD EQUATION
The calculated combination of SNR and THD per the
following formula also yields SINAD:
EQUATION 4-6:
SINAD, THD, AND SNR
RELATIONSHIP
4.11
Total Harmonic Distortion (THD)
The total harmonic distortion is the ratio of the output
harmonics power to the fundamental signal power for a
sinewave input and is defined by the following
equation.
EQUATION 4-7:
The THD calculation includes the first 35 harmonics for
the MCP3901 specifications. The THD is usually only
measured with respect to the 10 first harmonics. THD
is sometimes expressed in%. For converting the THD
in %, here is the formula:
EQUATION 4-8:
This specification depends mainly on the DITHER set-
ting.
4.12
Spurious-Free Dynamic Range
(SFDR)
The ratio between the output power of the fundamental
and the highest spur in the frequency spectrum. The
spur frequency is not necessarily a harmonic of the
fundamental even though it is usually the case. This
figure represents the dynamic range of the ADC when
a full-scale signal is used at the input. This specification
depends mainly on the DITHER setting.
EQUATION 4-9:
SNR dB
()
10
SignalPower
NoisePower
----------------------------------
⎝⎠
⎛⎞
log
=
SINAD dB
()
10
SignalPower
Noise
HarmonicsPower
+
--------------------------------------------------------------------
⎝⎠
⎛⎞
log
=
SINAD dB
()
10
10
SNR
10
-----------
⎝⎠
⎛⎞
10
THD
–
10
----------------
⎝⎠
⎛⎞
+
log
=
THD dB
()
10
HarmonicsPower
FundamentalPower
-----------------------------------------------------
⎝⎠
⎛⎞
log
=
THD %
()
100
10
THD dB
()
20
------------------------
×
=
SFDR dB
()
10
FundamentalPower
HighestSpurPower
-----------------------------------------------------
⎝⎠
⎛⎞
log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com