Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3901A2T-I/SS Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3901A2T-I/SS
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A2T-I/SS Datasheet(HTML) 3 Page - Microchip Technology

  MCP3901A2T-I/SS Datasheet HTML 1Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 2Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 3Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 4Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 5Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 6Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 7Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 8Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
© 2009 Microchip Technology Inc.
DS22192A-page 3
MCP3901
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
V
DD ................................................................................... 7.0V
Digital inputs and outputs w.r.t. AGND........ -0.6V to VDD +0.6V
Analog input w.r.t. AGND..................................... ....-6V to +6V
VREF input w.r.t. AGND ............................... -0.6V to VDD +0.6V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-65°C to +125°C
Soldering temperature of leads (10 seconds) ............. +300°C
ESD on the analog inputs (HBM,MM) ................. 7.0 kV, 400V
ESD on all other pins (HBM,MM) ........................ 7.0 kV, 400V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those indi-
cated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, AVDD = 4.5 to 5.5V, DVDD = 2.7 to 5.5 V; -40°C < TA <+85°C,
MCLK = 4 MHz; PRESCALE = 1; OSR = 64; GAIN = 1; Dithering OFF; VIN = -0.5 dBFS = 353 mVRMS @ 50/60 Hz.
Parameters
Symbol
Min
Typical
Max
Units
Conditions
Internal Voltage Reference
Internal Voltage Reference
Tolerance
VREF
-2%
2.37
+2%
V
VREFEXT = 0
Temperature Coefficient
TCREF
—
12
—
ppm/°C
VREFEXT = 0
Output Impedance
ZOUTREF
7—
k
Ω
AVDD=5V,
VREFEXT = 0
Voltage Reference Input
Input Capacitance
—
—
10
pF
Differential Input Voltage Range
(VREF+ - VREF-)
VREF
2.2
—
2.6
V
VREF = (VREF+ - VREF-),
VREFEXT = 1
Absolute Voltage on REFIN+ pin
VREF+
1.9
—
2.9
V
VREFEXT = 1
Absolute Voltage on REFIN- pin
VREF-
-0.3
—
0.3
V
ADC Performance
Resolution (No Missing Codes)
24
—
—
bits
OSR = 256
(See Table 5-3)
Sampling Frequency
fS
See Table 4-2
kHz
fS = DMCLK = MCLK /
(4 x PRESCALE)
Note 1:
This specification implies that the ADC output is valid over this entire differential range and that there is no
distortion or instability across this input range. Dynamic Performance specified at -0.5 dB below the
maximum signal range, VIN = -0.5 dBFS @ 50/60 Hz = 353 mVRMS, VREF = 2.4V.
2:
See terminology section for definition.
3:
This parameter is established by characterization and not 100% tested.
4:
For these operating currents, the following bit settings apply: SHUTDOWN<1:0>=00, RESET<1:0>=00,
VREFEXT=0, CLKEXT=0.
5:
For these operating currents, the following configuration bit settings apply: SHUTDOWN<1:0>=11,
VREFEXT=1, CLKEXT=1.
6:
Applies to all gains. Offset error is dependant on PGA gain setting, see Figure 2-19 for typical values.
7:
Outside of this range, the ADC accuracy is not specified. An extended input range of ±6V can be applied
continuously to the part with no risk for damage.
8:
For proper operation and to keep ADC accuracy, AMCLK should always be in the range of 1 to 5 MHz with
BOOST bits off. With BOOST bits on, AMCLK should be in the range of 1 to 8.192 MHz.
AMCLK = MCLK/PRESCALE. When using a crystal, CLKEXT bit should be equal to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com