Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3901A2T-I/SS Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP3901A2T-I/SS
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A2T-I/SS Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP3901A2T-I/SS Datasheet HTML 13Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 14Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 15Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 16Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 17Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 18Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 19Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 20Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
© 2009 Microchip Technology Inc.
DS22192A-page 17
MCP3901
3.11
Oscillator And Master Clock Input
Pins (OSC1/CLKI, OSC2)
OSC1/CLKI and OSC2 provide the master clock for the
device. When CLKEXT=0 (Default), a resonant crystal
or clock source with a similar sinusoidal waveform must
be placed across these pins to ensure proper
operation. The typical clock frequency specified is
4 MHz. However, the clock frequency can be 1 MHz to
5 MHz without disturbing ADC accuracy. With the cur-
rent boost circuit enabled, the master clock can be
used up to 8.192 MHz without disturbing ADC
accuracy. Appropriate load capacitance should be
connected to these pins for proper operation.
3.12
CS (Chip Select)
This pin is the SPI chip select that enables the serial
communication.
When
this
pin
is
high,
no
communication can take place. A chip select falling
edge initiates the serial communication and a chip
select rising edge terminates the communication. No
communication can take place even when CS is low
and when RESET is low.
This input is Schmitt-triggered.
3.13
SCK (Serial Data Clock)
This is the serial clock pin for SPI communication.
Data is clocked into the device on the RISING edge of
SCK. Data is clocked out of the device on the FALLING
edge of SCK.
The MCP3901 interface is compatible with both SPI 0,0
and 1,1 modes. SPI modes can only be changed during
a reset.
The maximum clock speed specified is 20 MHz when
DVDD>4.5V and 10 MHz otherwise.
This input is Schmitt triggered.
3.14
SDO (Serial Data Output)
This is the SPI data output pin. Data is clocked out of
the device on the FALLING edge of SCK.
This pin stays high impedance during the first
command byte. It also stays high impedance during the
whole communication for write commands and when
CS pin is high or when RESET pin is low. This pin is
active only when a read command is processed. Each
read is processed by packet of 8 bits.
3.15
SDI (Serial Data Input)
This is the SPI data input pin. Data is clocked into the
device on the RISING edge of SCK.
When CS is low, this pin is used to communicate with
series of 8-bit commands.
The interface is half-duplex (inputs and outputs do not
happen at the same time).
Each communication starts with a chip select falling
edge followed by an 8-bit command word entered
through the SDI pin. Each command is either a Read or
a Write command. Toggling SDI during a Read
command has no effect.
This input is Schmitt triggered.
3.16
Exposed Thermal Pad (EP)
There is an internal electrical connection between the
Exposed Thermal Pad (EP) and the AGND pin; they
must be connected to the same potential on the Printed
Circuit Board (PCB).
Note:
When CLKEXT=1, the crystal oscillator is
disabled, as well as the OSC2 input. The
OSC1 becomes the master clock input
CLKI, direct path for an external clock
source, for example a clock source
generated by a MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com