Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM164 Datasheet(PDF) 13 Page - Silicon Touch Technology Inc.

Part # DM164
Description  8x3-CHANNEL CONSTANT CURRENT LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM164 Datasheet(HTML) 13 Page - Silicon Touch Technology Inc.

Back Button DM164 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 17Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM164
8x3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.002
Page 12
MSEL
DIN
GD[383]a
DCK
(DCKPH=L)
DOUT
(DOUTPH=L)
DOUT
(DOUTPH=H)
LTH
12
192
D&G
mode
GD mode
D&G[0]
384
1
384
2
DCK
(DCKPH=H)
12
192
384
1
384
2
10 GCK Latencies
GD[382]a
GD[0]a
GD[383]a
ER[383]a
ER[382]a
ER[381]a
GD[383]b
GD[382]b
GD[0]b
GD[383]a
ER[383]a
ER[382]a
ER[0]a
ER[0]a
Figure 4. GD Mode Data Input Timing Chart
Thermal Alarm and Shutdown
The DM164 provides a temperature error detection circuit, when EN_B=H and the junction
temperature of the IC reaches about 130
oC, a T130 signal will change the ALARM pin to
low level. At this moment, the system should start up the fan or decrease the output
currents to lower the junction temperature. If the system has not any protected circuit, the
junction temperature might continue to rise. Once it reaches approximately above 170
oC, a
T170 signal and a Shutdown signal will cause the driver to shutdown all the outputs, the
ALARM pin remains in low level. Basically, the IC will cool down and return to the safe
operating temperature approximately below 130
oC. When the operating temperature below
130
oC, the ALARM pin will reset to high level, disable the warning, and restart all the
outputs. Operation in the thermal situation for a long time may cause chip damage
permanently. The thermal error signals (T130, T170, Shutdown) can be transferred out
from DOUT pin.
Normal
Alarm
Normal
Normal
Normal
Alarm
Alarm + Shutdowm
130 C
170 C
T130 =“H"
T170 =“L"
T130 =“L"
T170 =“L"
T130 =“H"
T170 =“H"
Figure 5. Thermal Alarm and Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com