Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM164 Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # DM164
Description  8x3-CHANNEL CONSTANT CURRENT LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM164 Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  DM164 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM164
8x3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.002
Page 2
Block Diagram
PWM Data Shift Register
DCK
Shift Register
DCKO
DIN
DOUT
Dot
Correction
Latch
Data
Latch
‧‧‧
Dot
Correction
Latch
Data
Latch
Dot
Correction
Latch
Data
Latch
Global
R
Latch
Global
G
Latch
Global
B
Latch
0
15
16
31
365
383
24
30
31
37
185 191
07
8
15
16
23
383
0
384
MSEL
1
0
LTH
DCKPH
LTHO
16-bit
PWM
Generator
16-bit
PWM
Generator
16-bit
PWM
Generator
16-bit
counter
GCK
16
‧‧‧
Global
B
8-bit
DA
Global
G
8-bit
DA
Global
R
8-bit
DA
Dot
Correction
7-bit DA
Dot
Correction
7-bit DA
Dot
Correction
7-bit DA
Constant Current
Driver
Delay00
Delay01
Constant Current
Driver
Delay23
Constant Current
Driver
‧‧‧
‧‧‧
Constant Current
Reference
REXT_R
REXT_G
REXT_B
Open
Detection
Open
Detection
Open
Detection
Thermal
Alarm /
Shutdown
T130
ALARM
IOUT0
IOUT1
IOUT23
‧‧‧
‧‧‧
GCKO
GCK
DOUTPH
0
1
ONEST
EN_B
192
1
0
0191
EN_B
EN_B
DISSIPATION RATINGS
PACKAGE
POWER DISSIPATION
(Tj_max=150
oC)
THERMAL RESISTANCE (Rja, Ta=25
oC)
QFN48
4.00 W
31.22
oC/W
LQFP48
2.16 W
57.86
oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com