Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM164 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # DM164
Description  8x3-CHANNEL CONSTANT CURRENT LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM164 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button DM164 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM164 Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM164
8x3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.002
Page 6
AC Characteristics (VDD = 5.0 V, Ta = 25°C, REXT = 3.9kΩ)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
DCK Frequency
FDCK
Cascade operation
⎯
⎯
35
MHz
DCK pulse duration
Twhdk / Twldk
High or low level
⎯
13
⎯
ns
DCK rise/fall time
Trdk/ Tfdk
Single, CLoad=13pF
⎯
5
⎯
ns
GCK Frequency
FGCK
Cascade operation
⎯
⎯
40
MHz
GCK pulse duration
Twhgk / Twlgk
High or low level
⎯
12
⎯
ns
GCK rise/fall time
Trgk/ Tfgk
Single, CLoad=13pF
⎯
5
⎯
ns
Set-up Time for DIN
Tsu0
Before DCK rising edge
⎯
10
⎯
ns
Hold Time for DIN
Th0
After DCK rising edge
⎯
10
⎯
ns
Set-up Time for DCK
Tsu1
Before LTH falling edge
⎯
30
⎯
ns
LTH Pulse Width
TwLTH
⎯
⎯
15
⎯
ns
Set-up Time for LTH
Tsu2
Before GCK rising edge
⎯
10
⎯
ns
Set-up Time for MSEL
Tsu3
Before DCK rising edge
⎯
10
⎯
ns
Hold Time for MSEL
Th3
After DCK rising edge
⎯
30
⎯
ns
AC Characteristics (VDD = 3.3 V, Ta = 25°C, REXT = 3.9kΩ)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
DCK Frequency
FDCK
Cascade operation
⎯
⎯
30
MHz
DCK pulse duration
Twhdk / Twldk
High or low level
⎯
15
⎯
ns
DCK rise/fall time
Trdk/ Tfdk
Single, CLoad=13pF
⎯
4
⎯
ns
GCK Frequency
FGCK
Cascade operation
⎯
⎯
36
MHz
GCK pulse duration
Twhgk / Twlgk
High or low level
⎯
13
⎯
ns
GCK rise/fall time
Trgk/ Tfgk
Single, CLoad=13pF
⎯
4
⎯
ns
Set-up Time for DIN
Tsu0
Before DCK rising edge
⎯
10
⎯
ns
Hold Time for DIN
Th0
After DCK rising edge
⎯
10
⎯
ns
Set-up Time for DCK
Tsu1
Before LTH falling edge
⎯
30
⎯
ns
LTH Pulse Width
TwLTH
⎯
⎯
15
⎯
ns
Set-up Time for LTH
Tsu2
Before GCK rising edge
⎯
10
⎯
ns
Set-up Time for MSEL
Tsu3
Before DCK rising edge
⎯
10
⎯
ns
Hold Time for MSEL
Th3
After DCK rising edge
⎯
30
⎯
ns
See Page 9: Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com