Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM412 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # DM412
Description  3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM412 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  DM412 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.003
Page 1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM412
DM412
3-CHANNEL CONSTANT CURRENT LED DRIVERS
WITH LED OPEN DETECTION
General Description
DM412 is a PWM enabled LED driver specifically designed for LED video display or lighting
applications. Each channel has linear adjustable 16-bits (65536 steps) grayscale PWM control
current outputs. It incorporates shift registers, data latches, 3-channel constant current circuitry with
current value set by 3 external resistors, and built-in oscillator for PWM functioning. Data, clock,
and latch buffer outputs are designed for cascading another chip. Its built-in open detection function
help users locate LED failures without additional circuits. The output polarity reverse function is
designed for more high power LED applications.
Features
Maximum constant current outputs: 200mA determined by three external resistors
Maximum sinking output voltage: 17V
Maximum serial-in clock frequency: 20 MHz
16-bit linear PWM control current outputs
Built-in buffers for cascading clock, data, and strobe to next driver
PWM free-running capability (refresh rate (~ 267 Hz) with internal oscillator (~ 17.5 MHz))
Selectable auto/manual strobe (Patent pending)
LED open detection
Output polarity reverse function
Power supply voltage: 4V ~ 5.5V
Applications
LED Decorative Lighting
Indoor/Outdoor LED Video or Message Display
PWM Signal Generator
Package
SSOP16, SOP16 (with exposed pad), TSSOP16 (with exposed pad), QFN16 (with exposed pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com