Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM412 Datasheet(PDF) 22 Page - Silicon Touch Technology Inc.

Part # DM412
Description  3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM412 Datasheet(HTML) 22 Page - Silicon Touch Technology Inc.

Back Button DM412 Datasheet HTML 18Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 19Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 20Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 21Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 22Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 23Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 24Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 25Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 26Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.003
Page 21
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM412
D
0.05
D1
16
9
8
1
b
e
S
L
L1
GAUGE PLANE
SEATING PLANE
Package Outline Dimension
DM412-TSSOPEX
DIMENSIONS IN INCH DIMENSIONS IN MM
SYMBOLS
MIN.
MAX.
MIN.
MAX.
A
-
0.047
-
1.20
A1
0.000
0.006
0.00
0.15
A2
0.031
0.041
0.80
1.05
b
0.007
0.012
0.19
0.30
D
0.193
0.201
4.90
5.10
D1
0.106
-
2.70
-
E
0.252TYP.
6.40TYP.
E1
0.169
0.177
4.30
4.50
E2
0.106
-
2.70
-
e
0.026TYP.
0.65TYP.
L
0.018
0.030
0.45
0.75
L1
0.039TYP.
1.00TYP.
S
0.008
-
0.20
-
Θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com