Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM412 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # DM412
Description  3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM412 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  DM412 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM412 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.003
Page 3
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM412
Pin Connection
Pin Description
PIN No.
PIN NAME
FUNCTION
SOP16/SSOP16/TSSOP16: 1
QFN16: 15
DAO
Serial data output terminal.
SOP16/SSOP16/TSSOP16: 2
QFN16: 16
CKO
Clock output terminal.
SOP16/SSOP16/TSSOP16: 3
QFN16: 1
STO
Strobe output terminal.
SOP16/SSOP16/TSSOP16: 4
QFN16: 2
POL
PWM current output polarity selection:
‘H’ means DM412 is to be LED driver,
‘L’ means DM412 is to be PWM generator.
SOP16/SSOP16/TSSOP16: 5~7
QFN16: 3~5
R(G、B)OUT
Sink constant current outputs (open-drain).
SOP16/SSOP16/TSSOP16: 8
QFN16: 9
GND
Ground terminal.
SOP16/SSOP16/TSSOP16: 9~11
QFN16: 6~8
R(G、B)REXT
External resistors connected between R(G、B)REXT and GND for driver
current value setting.
SOP16/SSOP16/TSSOP16: 12
QFN16: 10
SDO
*1
Serial data output trigger mode selection:
‘H’ means data is shifted out on synchronization to falling edge of CKO,
‘L’ means data is shifted out on synchronization to rising edge of CKO.
SOP16/SSOP16/TSSOP16: 13
QFN16: 11
STI
Input terminal of data strobe:
‘H’ means data is latched,
‘L’ means data on shift register goes through latch (level latch).
SOP16/SSOP16/TSSOP16: 14
QFN16: 12
CKI
Synchronous clock input terminal for serial data transfer. Data is sampled at
the rising edge of CKI.
SOP16/SSOP16/TSSOP16: 15
QFN16: 13
DAI
Serial data input terminal.
SOP16/SSOP16/TSSOP16: 16
QFN16: 14
VCC
Power supply terminal.
*1 It is recommended that SDO should be set to high level in cascading system applications.
1
4
5
8
13
16
12
9
QFN16
(bottom view)
2
3
6
7
10
14
15
11
CKO
BOUT
RREXT
BREXT
GREXT
DAI
VCC
DAO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com