Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM413 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # DM413
Description  3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM413 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  DM413 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.002
Page 1
DM413
DM413
3-CHANNEL CONSTANT CURRENT LED DRIVERS
WITH PROGRAMMABLE PWM OUTPUTS
General Description
DM413 is a PWM enabled LED driver specifically designed for LED lighting or display
applications. It incorporates shift registers, data latches, 3-channel constant current circuitry with
current value set by 3 external resistors, and built-in oscillator for PWM functioning. Data and clock
buffer outputs are designed for cascading another chip. Additionally the Output Polarity Reverse
function is designed to adapt to more high power LED applications.
Features
Maximum constant current outputs: 100mA determined by three external resistors
Maximum sinking output voltage: 17V
Maximum serial-in clock frequency: 20 MHz
Built-in buffers for cascading clock and data to next driver
PWM free-running capability (refresh rate (~ 400 Hz) with internal oscillator (~ 6.5 MHz))
Selectable modes for PWM control:
8-bits luminance data with PWM current outputs (8 bits mode)
8-bits luminance data and 6-bits global brightness data (14 bits mode)
8-bits luminance data and 5-bits individual color correction data (13 bits mode)
Output polarity reverse function
TTL/CMOS compatible input
Applications
LED Decorative Lighting
Indoor/Outdoor LED Video or Message Display
PWM Signal Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com