Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM413 Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # DM413
Description  3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM413 Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button DM413 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.002
Page 5
DM413
Maximum Ratings (Ta=25°C, Tj(max) = 140°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VDD
-0.3 ~ 7.0
V
Input Voltage
VIN
-0.3 ~ VDD+0.3
V
Output Current
IOUT
110
mA
Output Voltage
VOUT
-0.3 ~ 17
V
Input Clock Frequency
FCKI
25
MHz
GND Terminal Current
IGND
330
mA
Power Dissipation
PD
0.82 ( SSOP16 : Ta=25
°C)
0.86 ( SOP16 : Ta=25
°C)
W
Thermal Resistance
Rth(j-a)
115.9 ( SSOP16 )
110.9 ( SOP16 )
°C/W
Operating Temperature
Top
-40 ~ 85
°C
Storage Temperature
Tstg
-55 ~ 150
°C
Recommended Operating Condition
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
⎯
4.5
5.0
5.5
V
Output Voltage
VOUT
Driver On
*1
1.0
⎯
10
Output Voltage
VOUT
Driver Off
*2
⎯
⎯
17
V
IO
OUT (R, G , B)
5
⎯
100
IOH
⎯
⎯
1.5
Output Current
IOL
SERIAL-OUT
⎯
⎯
-10
mA
VIH
min{2.0 or
0.8VDD}
⎯
VDD
Input Voltage
VIL
VDD = 4.5 V ~ 5.5V
0.0
⎯
max{0.8 or
0.2VDD}
V
Input Clock Frequency
FCKI
Single Chip Operation
⎯
⎯
20M
Hz
STB Pulse Width
tw STB
20
⎯
⎯
CKI Pulse Width
tw CLK
20
⎯
⎯
Set-up Time for DAI
tsetup(D)
25
⎯
⎯
Hold Time for DAI
thold(D)
25
⎯
⎯
Set-up Time for STB
tsetup(L)
20
⎯
⎯
ns
Internal Oscillator Frequency
FOSC
VDD = 4.5 V ~ 5.5V
5.2
6.5
7.8
MHz
*1 Notice that the power dissipation is limited to its package and ambient temperature.
*2 The driver output voltage including any overshoot stress has to be compliant with the maximum voltage (17V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com