Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM413 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # DM413
Description  3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM413 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  DM413 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM413 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version:A.002
Page 3
DM413
Pin Connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ROUT
GOUT
BOUT
GND
VCC
DAI
CKI
STB
DAO
MOD
POL
SDO
RREX
GREX
BREX
CKO
Pin Description
PIN No.
PIN NAME
FUNCTION
1
DAO
Serial data output terminal.
2
CKO
Clock output terminal.
3
MOD
Input mode selection:
‘H’ for 13bits/5byte mode,
‘L’ for 14bits/4byte mode,
‘Floating’
*1
for 8bits/3byte mode.
4
POL
PWM current output polarity selection:
‘H’ for positive polarity,
‘L’ for negative polarity.
5~7
R(G、B)OUT Sink constant current outputs (open-drain).
8
GND
Ground terminal.
9~11
R(G、B)REX
External resistors connected between REXTR(G、B) and GND for
driver current value setting.
12
SDO
Serial data output trigger mode selection:
‘H’ means data is shifted out on synchronization to falling edge of CKO,
‘L’ means data is shifted out on synchronization to rising edge of CKO.
13
STB
Input terminal of data strobe:
‘H’ means data is latched,
‘L’ means data on shift register goes through latch (level latch).
14
CKI
Synchronous clock input terminal for serial data transfer. Data is
sampled at the rising edge of CKI.
15
DAI
Serial data input terminal.
16
VCC
Power supply terminal.
*1 When choosing “floating” mode, a capacitor (>100pF) should be connected between MOD and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com