Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD212 Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # FD212
Description  Single Coil Brushless DC Motor Drivers Built-in Hall Sensor ( 2 to 5.5 Volts )
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FD212 Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  FD212 Datasheet HTML 1Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 2Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 3Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 4Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 5Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 6Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 7Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 8Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
FD212
SP-FD212-A.003
Version
:A.003
Page
:2
Pin Description
(LFCSP8)
PIN NO.
PIN NAME
DESCRIPTION
PIN NO. PIN NAME
DESCRIPTION
1
NC
No connection
5
O1
Output driving/sinking pin 1
2
NC
No connection
6
GND
Ground pin
3
VDD
Power supply pin
7
O2
Output driving/sinking pin 2
4
NC
No connection
8
FG
Frequency generator output
(SOT-25)
Features and Benefits
Optimized for single coil Brushless DC Motor applications
Built-in Hall effect sensor
Built-in Reverse Protection
Frequency generator output
Lock detection and automatic self-restart without external capacitor
High output sinking and driving capability
Ultra-thin, small and highly reliable package (LFCSP8,SOT-25)
PIN NO. PIN NAME
DESCRIPTION
1
O2
Output driving/sinking pin 2
2
VDD
Power supply pin
3
FG
Frequency generator output
4
GND
Ground pin
5
O1
Output driving/sinking pin 1
O2
O1
GND
FG
VDD
O2
O1
GND
FG
VDD
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com