Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD212 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # FD212
Description  Single Coil Brushless DC Motor Drivers Built-in Hall Sensor ( 2 to 5.5 Volts )
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FD212 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  FD212 Datasheet HTML 1Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 2Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 3Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 4Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 5Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 6Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 7Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 8Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
FD212
SP-FD212-A.003
Version
:A.003
Page
:3
Absolute Maximum Ratings ( Unless otherwise noted, TA = 25 °C )
Characteristic
Symbol
Rating
Unit
Supply Voltage
VDD
6.5
V
Input Voltage from a Hall Effect Latch Output
VIN
VDD+0.4
V
Output Current
IOUT
350
mA
Maximum Power Dissipation of LFCSP8
PD1,max
600
mW
Thermal Resistance LFCSP8
θJA1
208.5
°C/ W
Maximum Power Dissipation of SOT25
PD2,max
360
mW
Thermal Resistance SOT25
θJA2
347
°C/ W
Operating Temperature Range
TOPR
-40 ~ 125
°C
Storage Temperature Range
TSTG
-65 ~ 150
°C
Electrical Characteristics ( TA= 25°C )
Limit
Characteristic
Sym.
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
Operating
2
3.3
5.5
V
Supply Current
IDD Auto-restart operating
5
10
mA
Magnetic Specifications ( TJ = 25℃)
Operating Point
BOP
-
1.0
10
mT
Release Point
BRP
-
-1.0
-10
mT
Hysteresis
BHYS
-
2.0
20
mT
O1/O2 Output Terminal ( TJ = 25℃)
Output Voltage High
VOH
IOUT = 300 mA
4.7
-
-
V
Output Voltage Low
VOL
IOUT = 300 mA
-
-
0.3
V
Output Current
IOUT
RL = 30Ω
-
148
-
mA
FG Open-Drain Terminal ( TJ = 25℃)
Output Leakage Current
IFGLEK
VFG = 5 V
5
μA
Output Voltage Low
VFGOL
IFG= 10 mA
0.4
V
Automatic Self-Restart Circuit
On Time
TON
-
-
152
-
ms
Duty Ratio
RDR
TOFF / TON
6
7
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com