Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD212 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # FD212
Description  Single Coil Brushless DC Motor Drivers Built-in Hall Sensor ( 2 to 5.5 Volts )
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FD212 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

  FD212 Datasheet HTML 1Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 2Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 3Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 4Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 5Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 6Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 7Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 8Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
FD212
SP-FD212-A.003
Version
:A.003
Page
:6
Package Specifications
( LFCSP8 )
□
Dimensions (mm)
SYMBOL
MIN
NOM
MAX
A
0.425
A1
0.00
0.02
0.05
A3
-
0.127
-
b
0.15
0.20
0.25
D
1.90
2.00
2.10
D1
1.55
1.60
1.65
E
1.90
2.00
2.10
E1
0.85
0.90
0.95
e
-
0.50
-
e1
-
1.50
-
L
0.25
0.35
0.45
Y
-
-
0.08
(LFCSP8 )
D
E
b
A1
e
A
y
Bottom View
e
A3
e1
L
1
4
8
5
Top View
1
4
8
5
xxx is the run code.
SXXX
Hall Sensor
Location
E1
D1
0.7+-0.1mm
1.0 +- 0.1mm
0.12mm
Hall Sensor
Location



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com