Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC11CPU Datasheet(PDF) 8 Page - Motorola, Inc

Part # M68HC11CPU
Description  Single-Chip Microcontrollers (AMCU)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC11CPU Datasheet(HTML) 8 Page - Motorola, Inc

Back Button M68HC11CPU Datasheet HTML 4Page - Motorola, Inc M68HC11CPU Datasheet HTML 5Page - Motorola, Inc M68HC11CPU Datasheet HTML 6Page - Motorola, Inc M68HC11CPU Datasheet HTML 7Page - Motorola, Inc M68HC11CPU Datasheet HTML 8Page - Motorola, Inc M68HC11CPU Datasheet HTML 9Page - Motorola, Inc M68HC11CPU Datasheet HTML 10Page - Motorola, Inc M68HC11CPU Datasheet HTML 11Page - Motorola, Inc M68HC11CPU Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Motorola Master Selection Guide
Single-Chip Microcontrollers (AMCU)
2.6–8
Table 1. M68HC11 Family Microcontrollers (continued)
Part
Number
Comments
Package
PWM
A/D
Serial
I/O
Timer
EEPROM
RAM
EPROM
MC68HC11M2
32K
1 25K
16–Bit – 3/4 IC,
4/5 OC RTI
62
SPI
8Ch
4Ch
84 FN
16–Bit Math Coprocessor,
MC68HC11M2
32K
1.25K
–
4/5 OC, RTI,
WDOG,
62
SPI,
2–SCI
8 Ch,
8–Bit
4 Ch,
8–Bit
84–FN
80–FU
16 Bit Math Coprocessor,
4 MHz Non–Mux Bus,
4ChDMA Controller
WDOG,
Pulse Accumulator
2SCI
8Bit
8Bit
80 FU
4 Ch DMA Controller
XC68HC11N4
24K
768
640
16–Bit – 3/4 IC,
4/5 OC RTI
62
SPI
12
6Ch
84 FN
16–Bit Math Coprocessor,
XC68HC11N4
24K
768
640
4/5 OC, RTI,
WDOG,
62
SPI,
SCI
12
Ch,
8Bit
6 Ch,
8–Bit
84–FN
80–QFP
16 Bit Math Coprocessor,
4 MHz Non–Mux Bus,
2 Ch 8 Bit D/A
WDOG,
Pulse Accumulator
SCI
8–Bit
8Bit
80 QFP
2 Ch 8–Bit D/A
XC68HC11P2
32K
1K
640
16–Bit – 3/4 IC,
4/5 OC RTI
62
SPI
8Ch
4Ch
84 FN
PLL Cl
k O ti
XC68HC11P2
32K
1K
640
4/5 OC, RTI,
WDOG,
62
SPI,
3–SCI
8 Ch,
8–Bit
4 Ch,
8–Bit
84–FN
80–FU
PLL Clock Option
WDOG,
Pulse Accumulator
3SCI
8Bit
8Bit
80 FU
Table 2. M68HC11 One–Time Programmable/Emulator Microcontrollers
Part
Number
EPROM
RAM
EEPROM
Timer
I/O
Serial
A/D
PWM
Package
Comments
PC68HC711D3
4K
192
16–Bit – 3/4 IC,
32
SPI
44–FB
64K E t
l Add
B
PC68HC711D3
4K
192
–
,
4/5 OC, RTI, WDOG,
Pl
A
l t
32
SPI,
SCI
–
–
44–FN
40 P
64K External Address Bus
Pulse Accumulator
SCI
40–P
PC68HC711E9
12K
512
512
16–Bit – 3/4 IC,
38
SPI
8Ch
52 FN
EEPROM Block Protect
PC68HC711E9
12K
512
512
16 Bit
3/4 IC,
4/5 OC, RTI, WDOG,
38
SPI,
8 Ch,
–
52–FN
EEPROM Block Protect,
PC68HC711E9
12K
512
512
4/5 OC, RTI, WDOG,
Pulse Accumulator
38
,
SCI
,
8–Bit
–
64–FU
,
64K External Address Bus
Pulse Accumulator
SCI
8 Bit
64 FU
64K External Address Bus
PC68HC711E20
20K
768
512
16–Bit – 3/4 IC,
38
SPI
8Ch
52–FN
EEPROM Block Protect
PC68HC711E20
20K
768
512
,
4/5 OC, RTI, WDOG,
Pl
A
l t
38
SPI,
SCI
8 Ch,
8–Bit
–
52–FS
64 FU
EEPROM Block Protect,
64K External Address Bus
Pulse Accumulator
SCI
8–Bit
64–FU
64K External Address Bus
PC68HC711G5
16K
512
16–Bit – 3/4 IC,
66
SPI
8Ch
4Ch
84–FN
PC68HC711G5
16K
512
–
,
4/5 OC, RTI, WDOG,
Pl
A
l t
66
SPI,
SCI
8 Ch,
10–Bit
4 Ch,
8–Bit
84–FN
84–FS
Pulse Accumulator
SCI
10–Bit
8–Bit
84–FS
PC68HC711J6
16K
512
16–Bit – 3/4 IC,
54
SPI
68–FN
1 Chi S l
t
PC68HC711J6
16K
512
–
,
4/5 OC, RTI, WDOG,
Pl
A
l t
54
SPI,
SCI
–
–
68–FN
68–FS
1 Chip Select
Pulse Accumulator
SCI
68–FS
p
PC68HC711K4
24K
768
640
16–Bit – 3/4 IC,
62
SPI
8Ch
4Ch
84–FN
4 MHz Non–Mux Bus,
EEPROM Block Protect Chip
PC68HC711K4
24K
768
640
16 Bit
3/4 IC,
4/5
OC,
R TI,
WDOG,
Pulse Accumulator
62
SPI,
SCI
8 Ch,
8–Bit
4 Ch,
8–Bit
84 FN
84–FS
80 FU
EEPROM Block Protect, Chip
Selects, Extended
Pulse Accumulator
SCI
8 Bit
8 Bit
80–FU
Selects, Extended
Memory Map
PC68HC711L6
16K
512
512
16–Bit – 3/4 IC,
46
SPI
8Ch
68–FN
EEPROM Block Protect
PC68HC711L6
16K
512
512
,
4/5 OC, RTI, WDOG,
Pl
A
l t
46
SPI,
SCI
8 Ch,
8–Bit
–
68–FS
64 FU
EEPROM Block Protect,
64K External Address Bus
Pulse Accumulator
SCI
8–Bit
64–FU
64K External Address Bus
PC68HC711M2
32K
1 25K
16–Bit – 3/4 IC,
62
SPI
8Ch
84–FN
16–Bit Math Coprocessor,
PC68HC711M2
32K
1.25K
–
,
4/5 OC, RTI, WDOG,
Pl
A
l t
62
SPI,
SCI
8 Ch,
8–Bit
–
84–FS
80 FU
p,
4 MHz Non–Mux Bus,
4 Ch DMA C
t ll
Pulse Accumulator
SCI
8–Bit
80–FU
4 Ch DMA Controller
PC68HC711N4
24K
768
640
16–Bit – 3/4 IC,
62
SPI
12 Ch
6Ch
84–FN
16–Bit Math Coprocessor,
PC68HC711N4
24K
768
640
,
4/5 OC, RTI, WDOG,
Pl
A
l t
62
SPI,
SCI
12 Ch,
8–Bit
6 Ch,
8–Bit
84–FN
84–FS
p,
4 MHz Non–Mux Bus,
2 Ch 8 Bit D/A
Pulse Accumulator
SCI
8–Bit
8–Bit
84–FS
2 Ch 8–Bit D/A
XC68HC711P2
32K
1K
640
16–Bit – 3/4 IC,
62
SPI
8Ch
4Ch
84–FN
PLL Cl
k
XC68HC711P2
32K
1K
640
,
4/5 OC, RTI, WDOG,
Pl
A
l t
62
SPI,
SCI
8 Ch,
8–Bit
4 Ch,
8–Bit
84–FS
88 FU
PLL Clock
Pulse Accumulator
SCI
8–Bit
8–Bit
88–FU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com