Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC11CPU Datasheet(PDF) 21 Page - Motorola, Inc

Part # M68HC11CPU
Description  Single-Chip Microcontrollers (AMCU)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC11CPU Datasheet(HTML) 21 Page - Motorola, Inc

Back Button M68HC11CPU Datasheet HTML 17Page - Motorola, Inc M68HC11CPU Datasheet HTML 18Page - Motorola, Inc M68HC11CPU Datasheet HTML 19Page - Motorola, Inc M68HC11CPU Datasheet HTML 20Page - Motorola, Inc M68HC11CPU Datasheet HTML 21Page - Motorola, Inc M68HC11CPU Datasheet HTML 22Page - Motorola, Inc M68HC11CPU Datasheet HTML 23Page - Motorola, Inc M68HC11CPU Datasheet HTML 24Page - Motorola, Inc M68HC11CPU Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Motorola Master Selection Guide
Single-Chip Microcontrollers (AMCU)
2.6–21
Table 8. M68300 Family Modular Microcontrollers
Part
Integration
Number
ROM
SRAM
EEPROM
Timer
I/O
Serial
ADC
Module
Package
Comments
MC68331
–
–
–
GPT
43
QSM
–
SIM
132–FC,
132–FD
144 FM
12 Chip Selects,
MC68331
–
–
–
GPT
43
QSM
–
SIM
144–FM,
144–FV
p,
Synthesized Clock
MC68332
–
2K
–
TPU
47
QSM
–
SIM
132–FC,
132–FD
144 FM
12 Chip Selects,
MC68332
–
2K
–
TPU
47
QSM
–
SIM
144–FM,
144–FV
p,
Synthesized Clock
PC68F333
–
4K
16K Flash,
48K Flash
TPU
96
QSM
8 Ch,
SCIM
160–FT,
9 Chip Selects,
PC68F333
–
4K
48K Flash
Emulator
TPU
96
QSM
,
10–Bit
SCIM
,
160–FM
p,
Synthesized Clock
XC68334
–
1K
–
TPU
47
–
8 Ch,
SIM
132–FC,
12 Chip Selects, Synthesized
Clock, Single Chip or
XC68334
–
1K
–
TPU
47
–
,
10–Bit
SIM
,
132–FD
Clock, Single Chip or
Expanded Mode
Definitions for Tables 9 and 10
General Definitions
Package Definitions
ADC
Analog to Digital Converter Module
FB
10x10 mm Quad Flat Pack (QFP)
A/D
Analog to Digital Converter
FC
Fine Pitch Plastic Quad Flat Pack (PQFP)
CPU16
16 bit Central Processing Unit
FD
Plastic Quad Flat Pack in Molded Carrier Ring
CPU32
32 bit Central Processing Unit
FE
Ceramic Quad Flat Pack (CQFP)
D/A
Digital to Analog Converter
FM
Molded Carrier Flat Pack (CQFP)
DMA
Direct Memory Access
FN
Plastic Leaded Chip Carrier (PLCC)
GPT
General–Purpose Timer
FS
Windowed Cerquad (Ceramic LCC)
IC
Input Capture
FT
28x28 mm Quad Flat Pack (QFP)
IIC
Inter–Integrated Circuit
FU
14x14 mm Quad Flat Pack (QFP)
MCCI
Multi–Channel Communication Interface
FV
20x20 mm Quad Flat Pack (QFP)
PLL
Phase Lock Loop
L
Ceramic
OC
Output Capture
P
Dual–in–Line Plastic
POQ
Preferred Order Quantity Multiple
PB
Thin Quad Flat Pack (TQFP) 10x10 mm
PWM
Pulse Width Modulation
PU
Thin Quad Flat Pack (TQFP) 14x14 mm
QSM
Queued Serial Module
PV
Thin Quad Flat Pack (TQFP) 20x20mm
RPSCIM
Reduced Pin Count SCIM
S
Cerdip (windowed or non–windowed)
RTC
Real–Time Clock
TH
16x16 mm Quad Flat Pack (QFP)
RTI
Real–Time Interrupt
SCI
Serial Communication Interface
SCIM
Single Chip Integration Module
SIM
System Integration Module
SPI
Serial Peripheral Interface
TPU
Time Processing Unit
UART
Universal Asynchronous Receiver/Transmitter
WDOG
Watch Dog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com