Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC11CPU Datasheet(PDF) 13 Page - Motorola, Inc

Part # M68HC11CPU
Description  Single-Chip Microcontrollers (AMCU)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC11CPU Datasheet(HTML) 13 Page - Motorola, Inc

Back Button M68HC11CPU Datasheet HTML 9Page - Motorola, Inc M68HC11CPU Datasheet HTML 10Page - Motorola, Inc M68HC11CPU Datasheet HTML 11Page - Motorola, Inc M68HC11CPU Datasheet HTML 12Page - Motorola, Inc M68HC11CPU Datasheet HTML 13Page - Motorola, Inc M68HC11CPU Datasheet HTML 14Page - Motorola, Inc M68HC11CPU Datasheet HTML 15Page - Motorola, Inc M68HC11CPU Datasheet HTML 16Page - Motorola, Inc M68HC11CPU Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Motorola Master Selection Guide
Single-Chip Microcontrollers (AMCU)
2.6–13
Timer Module (TM)
• 16–bit free–running counter with 8–bit prescaler
• Two TM can be externally cascaded to increase
count width
• Software selected input capture, output compare,
pulse accumulation, event counting, or pulse–width
modulation functions
Communication Modules
Queued Serial Module (QSM)
• Queued full–duplex, synchronous three–line SPI with
dedicated RAM
• Standard, asynchronous NRZ–format SCI
• Polled and interrupt–driven operation
• Pins can be configured as a parallel I/O port
Multi–Channel Communications Interface
(MCCI)
• One full–duplex synchronous three–line SPI
• Two independent standard, asynchronous NRZ–format SCI
• Polled and interrupt–driven operation
• Pins can be configured as a parallel I/O port
Dual Universal Asynchronous/
Synchronous Receiver Transmitter (DUART)
• Dual NRZ Serial RS–232C channels
• Independently programmable TxD and Receiver
Transmitter (DUART)
• RxD Baud rates for each channel up to 76.8K Baud
• Optional external input pins provide baud clock
• Transmit operations are double buffered, and receive
operations are quadruple buffered
• RTS and CTS signals are directly supported
Analog–to–Digital Conversion
Modules
Analog–to–Digital Converter (ADC)
• 8 or 10 bits of resolution
• Eight input channels
• Eight result registers
• Three result alignment formats
• Eight automated conversion modes
• Programmable sample and hold times are provided
• Three result alignment modes
Queued Analog–to–Digital Converter
(QADC)
• 10 bits of resolution
• 16 analog input channels (up to 27 if multiplexed
externally)
• Two independent conversion queues
• 32 result registers (16 per queue)
• Three result alignment formats
• Queued conversions can be performed continuously or
can be retriggered by software or the QADC module
periodic interval timer and external trigger
• Programmable sample and hold times
• Alternate voltage references
Specialized Control Modules
Direct Memory Access (DMA)
• Provides low–latency transfer to external peripheral or
for memory–memory data transfer
• Two independent DMA channels with full
programmability
Memory Modules
Standby RAM (SRAM)
• Fast Static RAM maintained by voltage from standby
voltage pin
• Available in 1K, 1.5K, 2K, 3.5K, and 4K blocks
• Fast (2 clock) access speed
• Byte, word, and long–word operations supported
Standby RAM with TPU Emulation
(TPURAM)
• Fast Static RAM maintained by voltage from standby
voltage pin
• Available in 1K, 1.5K, 2K, 3.5K, and 4K blocks
• Fast termination (2 clock) access speed
• Supports TPU microcode ROM emulation
• Byte, word, and long–word operations supported
Masked ROM (MRM)
• Custom–masked non–volatile 16–bit wide memory
• Available in 4K increments from 8K to 48K bytes
• Fast (2 clock ) access speed
• Byte, word, and long–word operations supported
• Boot ROM capability
Flash EEPROM (FLASH)
• Word programmable, bulk erasable non–volatile 16–bit
wide memory
• Available in 8K increments from 8K to 64K bytes
• Fast (2 clock) access speed
• Byte, word, and long–word operations supported
• Boot ROM capability
• External 12 volt programming/erasure source required
Block Erasable Flash EEPROM
(BEFLASH)
• Available in 8K increments from 8K to 64K bytes
• Eight independently–erasable blocks
• Fast termination (2 clock) access speed
• Byte, word, and long–word operations supported
• Byte/Word programming with 12 volt external input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com