Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8798 Datasheet(PDF) 28 Page - Active-Semi, Inc

Part # ACT8798
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8798 Datasheet(HTML) 28 Page - Active-Semi, Inc

Back Button ACT8798 Datasheet HTML 24Page - Active-Semi, Inc ACT8798 Datasheet HTML 25Page - Active-Semi, Inc ACT8798 Datasheet HTML 26Page - Active-Semi, Inc ACT8798 Datasheet HTML 27Page - Active-Semi, Inc ACT8798 Datasheet HTML 28Page - Active-Semi, Inc ACT8798 Datasheet HTML 29Page - Active-Semi, Inc ACT8798 Datasheet HTML 30Page - Active-Semi, Inc ACT8798 Datasheet HTML 31Page - Active-Semi, Inc ACT8798 Datasheet HTML 32Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
LOW-DROPOUT LINEAR REGULATORS
ACT8798
Rev0, 10-Oct-08
Innovative Power
TM
- 28 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
REGISTER DESCRIPTIONS
Note: See Table 1 for default register settings.
Table 11:
Control Register Map
ADDRESS
DATA
D7
D6
D5
D4
D3
D2
D1
D0
03h
R
VRANGE
VSET4
40h
R
R
W/E
R
R
R
R
R
41h
R
R
ON5
VSET5
42h
R
R
ON6
43h
OK6
OK5
OK4
DIS6
DIS5
DIS4
W/E
R
VSET6
ADDRESS
NAME
BIT
ACCESS
FUNCTION
DESCRIPTION
03h
VSET4
[5:0]
R/W
REG4 Output Voltage
Selection
See Table 14
03h
VRANGE
[6]
R/W
REG4 Output Voltage
Selection
0
Min VOUT = 0.645V
1
Min VOUT = 1.25V
03h
[7]
R
READ ONLY
40h
[4:0]
R
READ ONLY
40h
[7:6]
R
READ ONLY
41h
VSET5
[4:0]
R/W
REG5 Output Voltage
Selection
See Table 13
41h
ON5
[5]
R/W
REG5 Enable
0
REG5 Disable
1
REG5 Enable
41h
[7:6]
R
READ ONLY
42h
VSET6
[4:0]
R/W
REG6 Output Voltage
Selection
See Table 13
42h
ON6
[5]
R/W
REG6 Enable
0
REG6 Disable
1
REG6 Enable
42h
[7:6]
R
READ ONLY
43h
[0]
R
READ ONLY
43h
[1]
W/E
WRITE-EXACT
40h
[5]
W/E
WRITE-EXACT
Table 12:
REG56 Control Register Bit Descriptions
R: Read-Only bits. Default Values May Vary.
W/E: Write-Exact bits. Read/Write bits which must be written exactly as specified in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com