Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8798 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT8798
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8798 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT8798 Datasheet HTML 1Page - Active-Semi, Inc ACT8798 Datasheet HTML 2Page - Active-Semi, Inc ACT8798 Datasheet HTML 3Page - Active-Semi, Inc ACT8798 Datasheet HTML 4Page - Active-Semi, Inc ACT8798 Datasheet HTML 5Page - Active-Semi, Inc ACT8798 Datasheet HTML 6Page - Active-Semi, Inc ACT8798 Datasheet HTML 7Page - Active-Semi, Inc ACT8798 Datasheet HTML 8Page - Active-Semi, Inc ACT8798 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ACT8798
Rev0, 10-Oct-08
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
OUT4
Output Voltage for REG4. Capable of delivering up to 250mA of output current. The output is dis-
charged to G with 650Ω load when disabled.
2
SCL
Clock Input for I2C Serial Interface. Data is read on the rising edge of the clock.
3
SDA
Data Input for I2C Serial Interface. Data is read on the rising edge of the clock.
4, 17
GA
Analog Ground. Connect GA directly to a quiet ground node. Connect GA, GP12, and GP3 together
at a single point as close to the IC as possible.
5
nMSTR
Master Enable Input. Drive nMSTR to GA or to a logic low to enable the IC. REG1, REG2, and
REG3 are enabled while nMSTR is asserted.
6
nRSTO
Open-Drain Reset Output. nRSTO asserts low for the reset timeout period of 300ms whenever the
IC is enabled.
7
OUT1
Output Feedback Sense for REG1. Connect this pin directly to the output node to connect the inter-
nal feedback network to the output voltage.
8
VP1
Power Input for REG1. Bypass to GP12 with a high quality ceramic capacitor placed as close as
possible to the IC.
9
SW1
Switching Node Output for REG1. Connect this pin to the switching end of the inductor.
10
GP12
Power Ground for REG1 and REG2. Connect GA, GP12, and GP3 together at a single point as
close to the IC as possible.
11
SW2
Switching Node Output for REG2. Connect this pin to the switching end of the inductor.
12
VP2
Power Input for REG2. Bypass to GP12 with a high quality ceramic capacitor placed as close as
possible to the IC.
13
OUT2
Output Feedback Sense for REG2. Connect this pin directly to the output node to connect the inter-
nal feedback network to the output voltage.
14
ON3
Enable Input for REG3, ON3 is functional only when PWRHLD is driven high. Drive ON3 to a logic
high to turn on the REG3. Drive ON3 to a logic low to turn off the REG3.
15
PWRHLD
Power Hold Input. Drive PWRHLD to logic high to enable the IC. Drive PWRHLD to a logic low to
disable all regulators.
16
REFBP
Reference Noise Bypass. Connect a 0.01µF ceramic capacitor from REFBP to GA. This pin is dis-
charged to GA in shutdown.
18
OUT3
Output Feedback Sense for REG3. Connect this pin directly to the output node to connect the inter-
nal feedback network to the output voltage.
19
VP3
Power Input for REG3. Bypass to GP3 with a high quality ceramic capacitor placed as close as
possible to the IC.
20
SW3
Switching Node Output for REG3. Connect this pin to the switching end of the inductor.
21
GP3
Power Ground for REG3. Connect GA, GP12, and GP3 together at a single point as close to the IC
as possible.
22
OUT5
Output Voltage for REG5. Capable of delivering up to 250mA of output current. The output is dis-
charged to G with 650Ω load when disabled.
23
OUT6
Output Voltage for REG6. Capable of delivering up to 250mA of output current. The output is dis-
charged to G with 650Ω load when disabled.
24
INL
Power Input for REG4, REG5 and REG6. Bypass to GA with a high quality ceramic capacitor
placed as close as possible to the IC.
EP
EP
Exposed Pad. Must be soldered to ground on PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com