Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8798 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT8798
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8798 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT8798 Datasheet HTML 7Page - Active-Semi, Inc ACT8798 Datasheet HTML 8Page - Active-Semi, Inc ACT8798 Datasheet HTML 9Page - Active-Semi, Inc ACT8798 Datasheet HTML 10Page - Active-Semi, Inc ACT8798 Datasheet HTML 11Page - Active-Semi, Inc ACT8798 Datasheet HTML 12Page - Active-Semi, Inc ACT8798 Datasheet HTML 13Page - Active-Semi, Inc ACT8798 Datasheet HTML 14Page - Active-Semi, Inc ACT8798 Datasheet HTML 15Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
SYSTEM MANAGEMENT
ACT8798
Rev0, 10-Oct-08
Innovative Power
TM
- 11 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
nMSTR Enable Input
In most applications, connect nMSTR to an active
low, momentary push-button switch to utilize the
ACT8798's closed-loop enable/disable functionality.
If a momentary-on switch is not used, drive nMSTR
to GA or to a logic low to initiate a startup se-
quence.
Enable/Disable Inputs
The ACT8798 provides two manual enable/disable
inputs, PWRHLD and ON3. PWRHLD is the master
enable input. When driven high, PWRHLD enables
REG1, REG2, and REG4, and also activates the
enable/disable control logic for the other regulators.
ON3 is the enable input for REG3, and is active
when either of the following conditions exists:
1) nMSTR is asserted low, or
2) PWRHLD is asserted high.
Power-On Reset Output
The ACT8798 integrates a 260ms power-on reset
generator, reducing system size and cost. nRSTO
is an open-drain output. Connect a 10kΩ or greater
pull-up resistor from nRSTO to an appropriate volt-
age supply. nRSTO asserts low upon startup and
remains low until the reset-timeout period expires,
at which point nRSTO goes high-Z.
nIRQ Output
Figure 2 shows two simple circuits that can be used
to generate nIRQ, a processor interrupt signal,
which can be used as part of the ACT8798’s push-
button control logic. This signal is typically used to
drive the interrupt input of the system processor,
and is useful in a variety of software-controlled en-
able/disable control routines. Figure 2A provides an
active-low, open-collector push-button status output
that sinks current when nMSTR is driven to a logic-
low. Figure 2B provides an active-high, open-
collector push-button status output that sources
current when nMSTR is driven to a logic-low.
Thermal Shutdown
The ACT8798 integrates thermal shutdown protec-
tion circuitry to prevent damage resulting from ex-
cessive thermal stress, as may be encountered un-
der fault conditions. This circuitry disables all regu-
lators if the ACT8798 die temperature exceeds
160°C, and prevents the regulators from being en-
abled until the IC temperature drops by 20°C (typ).
FUNCTIONAL DESCRIPTION (CONT’D)
Figure 2:
Simple Circuits
ACT8798
PB
PB
nMSTR
ACT8798
100k
100k
nIRQ
OUT2
VCC
CPU
500k
OUT2
VCC
nIRQ
100k
100k
INL
(A)
(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com